| 전자부품 데이터시트 검색엔진 |
|
TMP86FS23UG 데이터시트(PDF) 58 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS23UG 데이터시트(HTML) 58 Page - Toshiba Semiconductor |
|
58 / 252 page ![]() Page 46 4. Special Function Register (SFR) 4.1 SFR TMP86FS23UG Note 1: Do not access reserved areas by the program. Note 2: − ; Cannot be accessed. Note 3: Write-only registers and interrupt latches cannot use the read-modify-write instructions (Bit manipulation instructions such as SET, CLR, etc. and logical operation instructions such as AND, OR, etc.). 0026H - UARTCR2 0027H LCDCR 0028H PWREG3 0029H PWREG4 002AH PWREG5 002BH PWREG6 002CH EIRE 002DH Reserved 002EH ILE 002FH Reserved 0030H Reserved 0031H Reserved 0032H Reserved 0033H Reserved 0034H - WDTCR1 0035H - WDTCR2 0036H TBTCR 0037H EINTCR 0038H SYSCR1 0039H SYSCR2 003AH EIRL 003BH EIRH 003CH ILL 003DH ILH 003EH Reserved 003FH PSW Address Read Write |