전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP86FS23UG 데이터시트(PDF) 235 Page - Toshiba Semiconductor

부품명 TMP86FS23UG
상세설명  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG 데이터시트(HTML) 235 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 231Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 232Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 233Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 234Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 235Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 236Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 237Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 238Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 239Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 252 page
background image
Page 223
TMP86FS23UG
Note 1: The SPCR register can be read or written only in the serial PROM mode. When the write instruction is executed to the
SPCR register in the MCU mode, the port input control can not be performed. When the read instruction is executed for
the SPCR register in the MCU mode, read data of bit7 to 1 are unstable.
Note 2: All I/O ports except P11 and P10 ports are controlled by the SPCR register.
Port Input Control Register
SPCR
(0FEAH)
76
54
32
10
PIN
(Initial value: **** ***0)
PIN
Port input control in the serial PROM
mode
0 : Invalid port inputs (The input level is fixed with a hardware feature.)
1 : Valid port inputs
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More