| 전자부품 데이터시트 검색엔진 |
|
F39-LSGA 데이터시트(PDF) 88 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F39-LSGA 데이터시트(HTML) 88 Page - Omron Electronics LLC |
|
88 / 109 page ![]() Common to F3SG-SR and F3SG-PG 88 Manual Reset Mode with Intelligent Tap [Wiring Example] Note: 1. When using the Intelligent Tap (F39-SGIT-IL3) with the emitter and receiver connected, the following functions are not available. • External Test • Operating Range Selection by wiring • Optical Synchronization 2. For the functional earth connection, refer to page 83. F3SG-SRA Available F3SG-PGA-A/-L Available F3SG-SRB Available F3SG-PGA-C Available *9 S1 F39-SGIT-IL3 24 VDC IO-Link Master *5 Wiring for NPN *1 *6 24 VDC F39-JG B-L/ XS5F-D521-DJ0-IL F39-JG A-D F39-JGR3K-L and F39-JG □B-L F39-JGR3K-D and F39-JG □B-D IN PLC *2 IN1 IN2 S1: Lockout/interlock reset switch PLC: Programmable logic controller (Used for monitoring only. NOT related to safety system.) Timing chart Beam state: Unblocked Blocked Reset switch (S) OSSD Safety controller *3 *4 Intelligent Tap Needed *1. Reverse the polarity of the power supply when using in the NPN system. Select a PLC and a safety controller of PNP or NPN type according to the system of your application. *2. When connecting to the PLC, the output mode must be changed with the SD Manager 3 according to your application. For the setting this function, refer to the User's Manual (Man.No.Z405). *3. Refer to page 79 for more information. *4. The safety controller and the F3SG-SR/PG must share the power supply or be connected to the common terminal of the power supply. *5. For connecting with the IO-Link Master unit, refer to an instruction manual of the IO- Link Master unit you use. *6. This is the case for a PELV circuit. *7. Set the function with the DIP Switches on the Intelligent Tap or the SD Manager 3, restore the settings to the F3SG-SR/PG, and perform wiring according to the wiring diagram. *8. To set the Short mode, set the function with the DIP Switches on the Intelligent Tap or the SD Manager 3, restore the settings to the F3SG-SR/PG, and perform wiring according to the wiring diagram. *9. When wiring the emitter/receiver of the F3SG-PGA-C, follow the same wiring as for the receiver in the figure above. Wiring of the emitter side is not required : Indicates a switch position. Function Setting DIP switch SD Manager 3 EDM EDM Disabled [External device monitoring] : Disable Interlock *7 Manual Reset (Start/ Restart Interlock) [Start interlock] : Enable [Restart interlock] : Enable Operating Range Selection *8 Long [Operating Range Selection] : Long mode Non-Muting system Perform wiring according to the wiring diagram. N/A [Muting] : Disable *7 Test Input N/A Wired Synchronization Connect the emitter and receiver with the Intelligent Tap. 3ON 4ON 5ON 8ON |