| 전자부품 데이터시트 검색엔진 |
|
F39-LSGA 데이터시트(PDF) 38 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F39-LSGA 데이터시트(HTML) 38 Page - Omron Electronics LLC |
|
38 / 109 page ![]() F3SG-SR/PG 38 Dimensions (Unit: mm) F3SG-SR Main Unit Mounted with Side-Mount Brackets (Intermediate Brackets) (F39-LSGF) Backside Mounting <Screw: M5 or M6> 38 32 46.7 Side-Mont Bracket (F39-LSGF) Side-Mont Bracket (F39-LSGF) 2-M5 or M6 2-M5 or M6 * The number of brackets required to mount each unit (emitter, receiver). Dimension C 4-digit number in model number (Protective height: ) Dimension D F3SG-SR-14 C-20 F3SG-SR-25 F3SG-SR-45 C-40 F3SG-SR-85 Dimension P F3SG-SR-14 10 F3SG-SR-25 20 F3SG-SR-45 40 F3SG-SR-85 80 Protectiveheight (Dimension C) Number of Side-Mount Brackets * Dimension F 0160 to 1440 2 1000 mm max. 1520 to 2480 3 1000 mm max. |