전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F39-LSGA 데이터시트(PDF) 96 Page - Omron Electronics LLC

부품명 F39-LSGA
상세설명  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA 데이터시트(HTML) 96 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 92Page - Omron Electronics LLC F39-LSGA Datasheet HTML 93Page - Omron Electronics LLC F39-LSGA Datasheet HTML 94Page - Omron Electronics LLC F39-LSGA Datasheet HTML 95Page - Omron Electronics LLC F39-LSGA Datasheet HTML 96Page - Omron Electronics LLC F39-LSGA Datasheet HTML 97Page - Omron Electronics LLC F39-LSGA Datasheet HTML 98Page - Omron Electronics LLC F39-LSGA Datasheet HTML 99Page - Omron Electronics LLC F39-LSGA Datasheet HTML 100Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 109 page
background image
Common to F3SG-SR and F3SG-PG
96
LED Indicators on Intelligent Tap
Shown below are indication statuses of LED indicators on the Intelligent Tap when you purchased.
*1. When the safety outputs of the F3SG-SR/PG are in the ON state, the outputs of the Intelligent Tap are in the ON state.
*2. When the safety outputs of the F3SG-SR/PG are in the OFF state, the outputs of the Intelligent Tap are in the OFF state.
Note: In the SETTING state to make settings with the SD Manager 3, the IN, OUT indicators blink. (IN: Yellow, OUT: Green)
For more information on the statuses of the LED indicators in the SETTING state, refer to User's Manual (Man.No.Z405).
Location Indicator
Name
Color
Illuminated
Blinking
1
IN
Sensor status
Yellow Safety outputs of the F3SG-SR/PG are in the
ON state
The F3SG-SR/PG is in the LOCKOUT state.
Or the Intelligent Tap is waiting for Push
Switch operation (in the Backup) or the
Intelligent Tap and F3SG-SR/PG are waiting
for restart (in the Backup). Or communication
error in the Backup or between the F3SG-SR/
PG and the Intelligent Tap. Or the
Restoration failed
2
OUT
Output status
Green Outputs of the Intelligent Tap are in the ON
state(*1)
The Restoration failed.
Or in the Restoration, the Intelligent Tap has
communication error, is waiting for Push
Switch operation or transferring data, or the
Intelligent Tap and F3SG-SR/PG are waiting
for restart.
Red
Outputs of the Intelligent Tap are in the OFF
state (*2)
Communication error between the F3SG-SR/
PG and the Intelligent Tap
3
IO-Link
IO-Link
Green
---
Intelligent Tap communicates with IO-Link
Master. Or IO-Link circuit error
4
ERR
Lockout
Red
The Intelligent Tap is in the LOCKOUT state,
or has communication error, DIP Switch
circuit error at startup, communication error in
the Backup or Restoration, restoration failure,
IO-Link circuit error, power supply voltage
error or other errors
---
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More