| 전자부품 데이터시트 검색엔진 |
|
F39-LSGA 데이터시트(PDF) 97 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F39-LSGA 데이터시트(HTML) 97 Page - Omron Electronics LLC |
|
97 / 109 page ![]() Common to F3SG-SR and F3SG-PG 97 Troubleshooting F3SG-SR/PG LOCKOUT State Identify an error according to the combination of the indicators when the error occurs. See the following troubleshooting tables to take measures. For detail, Refer to User’s Manual (Man. No. Z405). Illuminated Blink Combination of indicators and error description <Indicator status at lockout: Receiver> DIP Switch setting error Operating range selection setting error TOP Cap error Other sensor error Communication error Error other than those above *1 *3 *2 *3 BTM L or LONG E or ERR Blinking once ERR indicator Blinking once E or ERR Blinking once --- --- --- E or ERR [Error description] M or MAINT M or MAINT Recoverable error Red blinking : Replacement-recommended error Orange blinking O or OSSD P or PNP F or CFG TOP *1 BTM *2 O or OSSD Error due to change of PNP/NPN polarity during operation Cap error Other sensor error DIP Switch setting error Blanking monitoring error Configuration error Parameter error Safety output error due to power supply voltage or noise Communication error External device monitoring error Error other than those above Intelligent Tap error --- Safety Output error E or ERR Blinking twice MAINT indicator *1. For the F3SG-SRA and F3SG-PG, the Area Beam Indicator closer to the "TOP" mark on the housing blinks. *2. For the F3SG-SRA and F3SG-PG, the Area Beam Indicator closer to the "BTM" mark on the housing blinks. Combination of indicators and error description <Indicator status at lockout: Emitter> ERR indicator Other indicators Error description *1. For the F3SG-SRA and F3SG-PG, the Area Beam Indicator closer to the "TOP" mark on the housing blinks. *2. For the F3SG-SRA and F3SG-PG, the Area Beam Indicator closer to the "BTM" mark on the housing blinks. *3. The indicator blinks only in the case the Wired Synchronization is enabled and is off in the case the Optical Synchronization is enabled. Other indicators Error description |