전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM1723 데이터시트(PDF) 3 Page - Texas Instruments

부품명 PCM1723
상세설명  Stereo Audio DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1723 데이터시트(HTML) 3 Page - Texas Instruments

  PCM1723 Datasheet HTML 1Page - Texas Instruments PCM1723 Datasheet HTML 2Page - Texas Instruments PCM1723 Datasheet HTML 3Page - Texas Instruments PCM1723 Datasheet HTML 4Page - Texas Instruments PCM1723 Datasheet HTML 5Page - Texas Instruments PCM1723 Datasheet HTML 6Page - Texas Instruments PCM1723 Datasheet HTML 7Page - Texas Instruments PCM1723 Datasheet HTML 8Page - Texas Instruments PCM1723 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
PCM1723
3
SBAS057A
www.ti.com
ELECTRICAL CHARACTERISTICS
All specifications at +25
°C, +V
CC = +VDD = +VCP = +5V, fS = 44.1kHz, and 16-bit input data, SYSCLK = 384fS, unless otherwise noted.
PCM1723
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
16
Bits
DATA FORMAT
Audio Data Interface Format
Standard/I2S Selectable
Data Bit Length
16/20/24 Selectable
Audio Data Format
MSB First, Binary Two’s Complement
Sampling Frequency (fS)
Standard fS
32
44.1
48
kHz
One-half fS
16
22.05
24
kHz
Double fS
64
88.2
96
kHz
PLL PERFORMANCE
Master Clock Input Frequency(4)
26.73
27
27.27
MHz
Master Clock Output Frequency
4.096
36.864
MHz
Generated SYSCLK Frequency
256fS/384fS
Output Logic Level
VOH
IOH = 2mA
VDD – 0.4
VDC
(MCKO, SCKO)
VOL
IOL = 4mA
0.5
VDC
Generated SYSCLK Jitter
Standard Dev
±150
ps
Generated SYSCLK Transient(1)
fM = 27MHz
20
ms
Power-Up Time
To Programmed Frequency
15
30
ms
Generated SYSCLK Duty Cycle
fM = 27MHz, CL = 15pF
40
50
60
%
DIGITAL INPUT LOGIC LEVEL
TTL
DYNAMIC PERFORMANCE(2)
THD+N at fS (0dB)
fs = 44.1kHz
–89
–80
dB
fs = 96kHz
–87
dB
THD+N at –60dB
fs = 44.1kHz
–31
dB
fs = 96kHz
–29
dB
Dynamic Range (EIAJ Method)
fs = 44.1kHz
90
94
dB
fs = 96kHz
91
dB
Signal-to-Noise Ratio(3) (EIAJ Method)
fs = 44.1kHz
90
96
dB
fs = 96kHz
95
dB
Channel Separation
fs = 44.1kHz
88
93
dB
DC ACCURACY
Gain Error
±1.0
±3.0
% of FSR
Gain Mismatch, Channel-to-Channel
±1.0
±2.0
% of FSR
Bipolar Zero Error
VOUT = VCC/2 at BPZ
±30
mV
ANALOG OUTPUT
Output Voltage
Full Scale (–0dB)
0.62 x VCC
VPP
Center Voltage
VCC/2
VDC
Load Impedance
AC Load
5
k
DIGITAL FILTER PERFORMANCE
Passband
0.445
fS
Stop Band
0.555
fS
Passband Ripple
±0.17
dB
Stop Band Attenuation
–35
dB
Delay Time
11.125/fS
sec
De-emphasis Error
–0.2
+0.55
dB
INTERNAL ANALOG FILTER
–3dB Bandwidth
100
kHz
Passband Response
f = 20kHz
–0.16
dB
POWER SUPPLY REQUIREMENTS
Voltage Range
VCC = VDD = VCP
4.5
5
5.5
VDC
Supply Current: ICC + IDD + ICP
fS = 44.1kHz
20
24
mA
TEMPERATURE RANGE
Operating
–25
+85
°C
Storage
–55
+100
°C
NOTES: (1) Sysclk transient is the maximum frequency lock time when the PLL frequency is changed.
(2) Dynamic performance specs are tested with 20kHz low pass filter and THD+N specs are tested with 30kHz LPF, 400Hz HPF, Average-Mode.
(3) SNR is tested at Infinite Zero Detection off.
(4) PLL evaluations tested with 1ns maximum jitter on the 27MHz input clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com