전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM1723 데이터시트(PDF) 12 Page - Texas Instruments

부품명 PCM1723
상세설명  Stereo Audio DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1723 데이터시트(HTML) 12 Page - Texas Instruments

Back Button PCM1723 Datasheet HTML 8Page - Texas Instruments PCM1723 Datasheet HTML 9Page - Texas Instruments PCM1723 Datasheet HTML 10Page - Texas Instruments PCM1723 Datasheet HTML 11Page - Texas Instruments PCM1723 Datasheet HTML 12Page - Texas Instruments PCM1723 Datasheet HTML 13Page - Texas Instruments PCM1723 Datasheet HTML 14Page - Texas Instruments PCM1723 Datasheet HTML 15Page - Texas Instruments PCM1723 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
PCM1723
12
SBAS057A
www.ti.com
The performance of the internal low-pass filter from DC to
24kHz is shown in Figure 10. The higher frequency rolloff
of the filter is shown in Figure 11. If an application has the
PCM1723 driving a wideband amplifier, it is recommended
to use an external low-pass filter. A simple 3rd-order filter
is shown in Figure 12. For some applications, a passive RC
filter or 2nd-order filter may be adequate.
Reset
The PCM1723 has both internal power-on reset circuit and
the RSTB pin (pin 9) that accepts an external forced reset by
RSTB = LOW. For internal power on reset, initialize (reset)
is done automatically at power on VDD >2.2V (typ). During
internal reset = LOW, the output of the DAC is invalid and
the analog outputs are forced to VCC/2. Figure 13 illustrates
the timing of internal power on reset.
The PCM1723 accepts an external forced reset when
RSTB = L. During RSTB = L, the output of the DAC is
invalid and the analog outputs are forced to VCC/2 after
internal initialize (1024 system clocks count after RSTB = H).
Figure 14 illustrates the timing of RSTB pin reset.
FIGURE 12. 3rd-Order Low-Pass Filter.
10k
Ω
10k
Ω
10k
Ω
1500pF
100pF
680pF
+
V
SIN
–
90
0
–90
–180
–270
–360
100
1k
10k
100k
1M
GAIN vs FREQUENCY
Frequency (Hz)
6
–14
–34
–54
–74
–94
Gain
Phase
OPA604
FIGURE 11. Low-Pass Filter Wideband Frequency Response.
FIGURE 10. Low-Pass Filter Frequency Response.
10
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
–55
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
–60
INTERNAL ANALOG FILTER FREQUENCY RESPONSE
(10Hz~10MHz)
1.0
0.5
0
–0.5
–1.0
20
Frequency (Hz)
100
1k
10k
24k
INTERNAL ANALOG FILTER FREQUENCY RESPONSE
(20Hz~24kHz, Expanded Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com