전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM1723 데이터시트(PDF) 7 Page - Texas Instruments

부품명 PCM1723
상세설명  Stereo Audio DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1723 데이터시트(HTML) 7 Page - Texas Instruments

Back Button PCM1723 Datasheet HTML 3Page - Texas Instruments PCM1723 Datasheet HTML 4Page - Texas Instruments PCM1723 Datasheet HTML 5Page - Texas Instruments PCM1723 Datasheet HTML 6Page - Texas Instruments PCM1723 Datasheet HTML 7Page - Texas Instruments PCM1723 Datasheet HTML 8Page - Texas Instruments PCM1723 Datasheet HTML 9Page - Texas Instruments PCM1723 Datasheet HTML 10Page - Texas Instruments PCM1723 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
PCM1723
7
SBAS057A
www.ti.com
FIGURE 4. System Clock Connection.
14
15
16
1
2
3
14
15
1/f
S
L_ch
R_ch
MSB
LSB
16
LRCIN (pin 4)
BCKIN (pin 6)
AUDIO DATA WORD = 16-BIT
DIN (pin 5)
1
2
3
14
15
MSB
LSB
16
18
19
20
1
2
3
18
19
MSB
LSB
20
AUDIO DATA WORD = 20-BIT
DIN (pin 5)
1
2
3
18
19
MSB
LSB
20
23
24
1
2
3
22
23
MSB
LSB
24
AUDIO DATA WORD = 24-BIT
DIN (pin 5)
1
2
3
22
23
MSB
LSB
24
FIGURE 5. Normal Data Input Timing.
1
2
3
14
15
1/f
S
L_ch
R_ch
MSB
LSB
16
LRCIN (pin 4)
BCKIN (pin 6)
AUDIO DATA WORD = 16-BIT
DIN (pin 5)
1
2
3
14
15
MSB
LSB
16
1
2
3
18
19
MSB
LSB
20
AUDIO DATA WORD = 20-BIT
DIN (pin 5)
1
2
3
18
19
MSB
LSB
20
2
1
2
1
2
1
1
2
3
22
23
MSB
LSB
24
AUDIO DATA WORD = 24-BIT
DIN (pin 5)
1
2
3
22
23
MSB
LSB
24
FIGURE 6. I2S Data Input Timing.
C
1
C
2
C
1, C2 = 10 to 33pF
27MHz Internal Master Clock
XTI
X’tal
RR
XTO
PCM1723
MCKO
Buffer
27MHz
Out
External Clock
27MHz Internal Master Clock
XTI
XTO
PCM1723
EXTERNAL CLOCK INPUT
CRYSTAL RESONATOR CONNECTION
MCKO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com