전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM1723 데이터시트(PDF) 1 Page - Texas Instruments

부품명 PCM1723
상세설명  Stereo Audio DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1723 데이터시트(HTML) 1 Page - Texas Instruments

  PCM1723 Datasheet HTML 1Page - Texas Instruments PCM1723 Datasheet HTML 2Page - Texas Instruments PCM1723 Datasheet HTML 3Page - Texas Instruments PCM1723 Datasheet HTML 4Page - Texas Instruments PCM1723 Datasheet HTML 5Page - Texas Instruments PCM1723 Datasheet HTML 6Page - Texas Instruments PCM1723 Datasheet HTML 7Page - Texas Instruments PCM1723 Datasheet HTML 8Page - Texas Instruments PCM1723 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Stereo Audio
DIGITAL-TO-ANALOG CONVERTER
With Programmable PLL
TM
49%
FPO
PCM1723
FEATURES
q ACCEPTS 16-, 20-, OR 24-BIT INPUT DATA
q COMPLETE STEREO DAC: Includes Digital Filter
and Output Amp
q DYNAMIC RANGE: 94dB
q MULTIPLE SAMPLING FREQUENCIES:
16kHz, 22.05kHz, 24kHz
32kHz, 44.1kHz, 48kHz
64kHz, 88.2kHz, 96kHz
q PROGRAMMABLE PLL CIRCUIT:
256fS/384fS from 27MHz Master Clock
q NORMAL OR I2S™ DATA INPUT FORMATS
q SELECTABLE FUNCTIONS:
Soft Mute
Digital Attenuator (256 Steps)
Digital De-emphasis
q OUTPUT MODE: Left, Right, Mono, Mute
DESCRIPTION
The PCM1723 is a complete, low-cost, stereo audio
digital-to-analog converter (DAC) with a phase-locked
loop (PLL) circuit included. The PLL derives either a
256fS or 384fS system clock from an external 27MHz
reference frequency. The DAC contains a 3rd-order
delta-sigma (
∆Σ) modulator, a digital interpolation filter,
and an analog output amplifier. The PCM1723 can
accept 16-, 20-, or 24-bit input data in either normal or
I2S formats.
The digital filter performs an 8X interpolation function
and includes selectable features such as soft mute,
digital attenuation and digital de-emphasis. The PLL
can be programmed for sampling at standard digital
audio frequencies as well as one-half and double
sampling frequencies.
The PCM1723 is ideal for applications which combine
compressed audio and video data such as DVD, DVD-
ROM, set-top boxes and MPEG sound cards.
Serial
Input
I/F
Mode
Control
I/F
8X Oversampling
Digital Filter
with Function
Controller
PLL
OSC
256f
S/384fS
V
CP
PGND V
CC
AGND
Multi-level
Delta-Sigma
Modulator
V
OUTL
CAP
Open Drain
DAC
Multi-level
Delta-Sigma
Modulator
Low-Pass
Filter
Low-Pass
Filter
BPZ-Cont.
V
OUTR
ZERO
DAC
MC
MD
ML
LRCIN
DIN
BCKIN
RSTB
Power Supply
XTI XTO
V
DD
DGND
MCKO
SCKO
PCM1723E
SBAS057A – JANUARY 1996 – REVISED MAY 2007
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1996-2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SoundPLUS is a trademark of Texas Instruments.
I2S is a trademark of NXP Semiconductors.
All other trademarks are the property of their respective owners.


유사한 부품 번호 - PCM1723

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
PCM1723 BURR-BROWN-PCM1723 Datasheet
218Kb / 15P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE PLL
logo
Texas Instruments
PCM1723 TI-PCM1723 Datasheet
493Kb / 21P
ACCEPTS 16-, 20-, OR 24-BIT INPUT DATA, COMPLETE STEREO DAC: Includes Digital Filter and Output Amp
PCM1723E TI-PCM1723E Datasheet
493Kb / 21P
DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
PCM1723E/2K TI-PCM1723E/2K Datasheet
493Kb / 21P
DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
PCM1723E/2KG4 TI-PCM1723E/2KG4 Datasheet
493Kb / 21P
DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
More results

유사한 설명 - PCM1723

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1723 BURR-BROWN-PCM1723 Datasheet
218Kb / 15P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE PLL
PCM1727 BURR-BROWN-PCM1727 Datasheet
220Kb / 15P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE DUAL PLL TM
PCM1740 BURR-BROWN-PCM1740 Datasheet
359Kb / 20P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
PCM1721 BURR-BROWN-PCM1721 Datasheet
227Kb / 16P
DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE PLL
logo
Texas Instruments
PCM1723E TI-PCM1723E Datasheet
493Kb / 21P
DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
Audio Stereo Digital-to-Analog Converter
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
Stereo Audio Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
Audio-Stereo Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com