| 전자부품 데이터시트 검색엔진 |
|
VS6724 데이터시트(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6724 데이터시트(HTML) 56 Page - STMicroelectronics |
|
56 / 118 page ![]() Programming model and register description VS6724 56/118 PipeContext0 Table 14. PipeContext0 Index PipeContext0(1) 0x0380 bImageSize0 # Default value <0> ImageSize_UXGA Purpose required output dimension. Type CODED Possible values <0> ImageSize_UXGA <1> ImageSize_SXGA <2> ImageSize_SVGA <3> ImageSize_VGA <4> ImageSize_CIF <5> ImageSize_QVGA <6> ImageSize_QCIF <7> ImageSize_QQVGA <8> ImageSize_QQCIF <9> ImageSize_Manual - to use ManualSubSample and ManualCrop controls select Manual mode. 0x0383(MSB) 0x0384(LSB) uwManualHSize0 # Default value 0x00 Purpose if ImageSize_Manual selected, input required manual H size Type UINT16 0x0387(MSB) 0x0388(LSB) uwManualVSize0 # Default value 0x00 Purpose if ImageSize_Manual selected, input required manual V size Type UINT16 0x038b(MSB) 0x038c(LSB) uwZoomStepHSize0 Default value 0x01 Purpose Set the zoom H step Type UINT16 0x038f(MSB) 0x0390(LSB) uwZoomStepVSize0 Default value 0x01 Purpose Set the zoom V step Type UINT16 |