전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VS6724 데이터시트(PDF) 40 Page - STMicroelectronics

부품명 VS6724
상세설명  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 데이터시트(HTML) 40 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 36Page - STMicroelectronics VS6724 Datasheet HTML 37Page - STMicroelectronics VS6724 Datasheet HTML 38Page - STMicroelectronics VS6724 Datasheet HTML 39Page - STMicroelectronics VS6724 Datasheet HTML 40Page - STMicroelectronics VS6724 Datasheet HTML 41Page - STMicroelectronics VS6724 Datasheet HTML 42Page - STMicroelectronics VS6724 Datasheet HTML 43Page - STMicroelectronics VS6724 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 118 page
background image
Functional description
VS6724
40/118
2.11.3
Derating
When the scaler is operating the clock manager employs derating to reduce the peak output
rate of the device by spreading the data over the full frame period.
The derating employed can be found by dividing the input size to the scaler by the output
size of the scaler and rounding up to the nearest even number.
Example: VGA output scaled from the full UXGA array = 1600x1200 / 640x480 = 6.25
rounded up to the nearest even number = 8, therefore the VGA output is 8 times slower than
that for the full UXGA output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More