전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IP1000ALF-DS-R01 데이터시트(PDF) 57 Page - List of Unclassifed Manufacturers

부품명 IP1000ALF-DS-R01
상세설명  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF-DS-R01 데이터시트(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF-DS-R01 Datasheet HTML 53Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 54Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 55Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 56Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 57Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 58Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 59Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 60Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
57/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
3.2.2.18 NextItemPtr0
Class............................. PCI Configuration Registers
I/O Base Address ......... PCI device configuration header start
Address Offset .............. 0x51
Default Value ................ 0x60
Access Rule.................. Byte
Width ............................ 8 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
7..0
NextItemPtr
Next Item Pointer. NextItemPtr indicates the next
capability data structure in the capabilities list.
When NextItemPtr is set to the value 0x00, there
are no further data structures.
R
3.2.2.19 NextItemPtr1
Class............................. PCI Configuration Registers
I/O Base Address ......... PCI device configuration header start
Address Offset .............. 0x61
Default Value ................ 0x00
Access Rule.................. Byte
Width ............................ 8 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
7..0
NextItemPtr
Next Item Pointer. NextItemPtr indicates the next
capability data structure in the capabilities list.
When NextItemPtr is set to the value 0x00, there
are no further data structures.
R
3.2.2.20 PowerMgmtCap
Class............................. PCI Configuration Registers
I/O Base Address ......... PCI device configuration header start
Address Offset .............. 0x52
Default Value ................ 0x7602
Access Rule.................. Word
Width ............................ 16 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
2..0
Version
Version. Version is set to 0x2, indicating PCI Bus
Power Management Specification Revision 1.1.
R
8..3
Reserved
Reserved for future use. Write as zero, ignore on read.
N/A
9
D1Support
D1 Power State Support. When D1Support is a
logic 1, the IP1000A LF supports the D1 power
state (see section 2.2.5.1).
D1Support is loaded from the ConfigParm field of an
EEPROM during auto initialization of the IP1000A
LF.
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75