| 전자부품 데이터시트 검색엔진 |
|
L9396 데이터시트(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9396 데이터시트(HTML) 78 Page - STMicroelectronics |
|
78 / 109 page ![]() System functional safety implementations L9396 78/109 DS12539 Rev 10 WD Seed Note: WD Seed and WD Answer will be into the same SPI register. When a Read operation will be performed a new seed will be sent and the read will be treated as a new Seed request. When an Answer write will not be treated as a new Seed request and the seed related to that answer will be sent back. WD Answer Note: WD Seed and WD Answer will be onto the same SPI register. When a Read operation will be performed a new seed will be sent and the read will be treated as a new Seed request. When an Answer write will not be treated as a new Seed request and the seed related to that answer will be sent back. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 R Addr Reserved Seed CRC SPI parameter Size (bits) default Description Seed 8 - Current value of the Seed sent to the Micro to be used for the Answer elaboration 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 W Addr Reserved Answer High Answer Low CRC SPI parameter Size (bits) default Description Answer Low 8 - Lower part of the answer Answer High 8 - Higher part of the answer |