| 전자부품 데이터시트 검색엔진 |
|
L5965 데이터시트(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L5965 데이터시트(HTML) 61 Page - STMicroelectronics |
|
61 / 73 page ![]() 6.9.5 SAF_REG_STAT 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESERVED R R R R R R R R R R R R R R R R 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 0 Address 0x34 [0] SAF_USR_PROTECT_STAT: SAF protection status for usr region; '1' means the SAF rows in user region can't be burned or simulated; [1] SAF_RES_PROTECT_STAT: SAF protection status for usr region; '1' means the SAF rows in trim region can't be burned or simulated; [2] STATUS_CRC_GLB: CRC checksum status for all rows; [3] SAF_CRC_OK: CRC checksum status for current SAF row reading operation; [4] SAF_BUSY: SAF is busy for reading/program or CRC checking; [5] SAF_AUTO_DL_END: '1' means SAFauto download is ended; [6] SAF_OPERATION_ERROR: Invalid SAF operation in OTP programing mode; [7] CRC_BUSY: CRC busy flag; [15:8] RESERVED Note: This register is only accessible in OTP program mode. 6.10 Power down phase When WKUP signal goes low, the device moves from any state to STANDBY status turning off all the regulators: at first all the active regulators are switched off, then, after a delay time (Tdelay), the internal VREG is switched off too. L5965 Power down phase DS12567 - Rev 3 page 61/73 |