전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L5965 데이터시트(PDF) 66 Page - STMicroelectronics

부품명 L5965
상세설명  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 데이터시트(HTML) 66 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 62Page - STMicroelectronics L5965 Datasheet HTML 63Page - STMicroelectronics L5965 Datasheet HTML 64Page - STMicroelectronics L5965 Datasheet HTML 65Page - STMicroelectronics L5965 Datasheet HTML 66Page - STMicroelectronics L5965 Datasheet HTML 67Page - STMicroelectronics L5965 Datasheet HTML 68Page - STMicroelectronics L5965 Datasheet HTML 69Page - STMicroelectronics L5965 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 73 page
background image
Ref
Dimensions (mm)
Min.
Typ.
Max.
D
6.80
7.00
7.15
D2
5.15
5.30
5.45
E
6.85
7.00
7.15
E2
5.15
5.30
5.45
e
0.45
0.50
0.55
L
0.45
0.50
0.55
ddd
-
-
0.08
8.2
VFQFPN-48 (7x7x1.0) marking information
Figure 33. VFQFPN-48 (7x7x1.0) marking information
Marking area
Last two digits
ES: Engineering sample
<blank>: Commercial sample
GAPG2203161040PS
Parts marked as 'ES' are not yet qualified and therefore not approved for use in production. ST is not responsible
for any consequences resulting from such use. In no event will ST be liable for the customer using any of these
engineering samples in production. ST's Quality department must be contacted to run a qualification activity prior
to any decision to use these engineering samples.
L5965
VFQFPN-48 (7x7x1.0) marking information
DS12567 - Rev 3
page 66/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73