| 전자부품 데이터시트 검색엔진 |
|
L9305EP 데이터시트(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9305EP 데이터시트(HTML) 69 Page - STMicroelectronics |
|
69 / 107 page ![]() SERVFLTMSK2 Service fault mask 2 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 R RW R RW R RW RW RW RW RW Address: Fault Test Base Address + 0x06 Type: RW Reset: 0xFFFF Description: Service Fault Mask register allows the user to map specific fault flags to the FAULTn pin. Setting mask bit high disables (masks) fault from setting FAULTn pin. [15] Unused [14] Clamp Inhibit Monitor 0: Mask Disabled 1: Mask Enabled [13:8] Unused [7] SPI Protocol Error 0: Mask Disabled 1: Mask Enabled [6:5] Unused [4] IN3 0: Mask Disabled 1: Mask Enabled [3] IN2 0: Mask Disabled 1: Mask Enabled [2] IN1 0: Mask Disabled 1: Mask Enabled [1] IN0 0: Mask Disabled 1: Mask Enabled [0] EN_DR 0: Mask Disabled 1: Mask Enabled L9305 SPI DS12774 - Rev 10 page 69/107 |