| 전자부품 데이터시트 검색엔진 |
|
L9305EP 데이터시트(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9305EP 데이터시트(HTML) 98 Page - STMicroelectronics |
|
98 / 107 page ![]() Symbol Dimensions Note Min. Typ. Max. A2 2.15 - 2.35 b 0.18 - 0.32 7, 8 b1 0.13 0.2 0.30 7, 8 c 0.23 - 0.32 7 c1 0.20 0.20 0.30 7 D 10.30 BSC 3, 4 D1 VARIATION 11 D2 - 3.65 - D3 - 4.30 - e 0.50 BSC E 10.30 BSC E1 7.50 BSC 3, 4 E2 VARIATION 11 E3 - 2.30 - E4 - 2.90 - G1 - 1.20 - G2 - 1.00 - G3 - 0.80 - h 0.30 - 0.40 9 L 0.55 0.70 0.85 L1 1.40 REF L2 0.20 BSC N 36 6 R1 0.30 - - R2 0.20 - - S 0.25 - - Tolerance of form and position aaa 0.20 1, 2 bbb 0.20 ccc 0.08 ddd 0.08 eee 0.10 fff 0.20 ggg 0.15 VARIATIONS D1 6.50 - 7.10 A E2 4.10 - 4.70 D1 4.90 - 5.50 B E2 4.10 - 4.70 D1 6.90 - 7.50 C L9305 Package information DS12774 - Rev 10 page 98/107 |