전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX180 데이터시트(PDF) 21 Page - Texas Instruments

부품명 OPAX180
상세설명  OPAx180 0.1-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX180 데이터시트(HTML) 21 Page - Texas Instruments

Back Button OPAX180 Datasheet HTML 17Page - Texas Instruments OPAX180 Datasheet HTML 18Page - Texas Instruments OPAX180 Datasheet HTML 19Page - Texas Instruments OPAX180 Datasheet HTML 20Page - Texas Instruments OPAX180 Datasheet HTML 21Page - Texas Instruments OPAX180 Datasheet HTML 22Page - Texas Instruments OPAX180 Datasheet HTML 23Page - Texas Instruments OPAX180 Datasheet HTML 24Page - Texas Instruments OPAX180 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
+
RFB
RG1
RG2
RISO
CCOMP
VREF
VOUT
CLOAD
DAC8560
Device
Copyright © 2017, Texas Instruments Incorporated
21
OPA180, OPA2180, OPA4180
www.ti.com
SBOS584E – NOVEMBER 2011 – REVISED JUNE 2018
Product Folder Links: OPA180 OPA2180 OPA4180
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
9 Application and Implementation
9.1 Application Information
The OPAx180 family offers excellent DC precision and AC performance. These devices operate up to 36-V
supply rails and offer rail-to-rail output, ultra-low offset voltage, offset voltage drift and 2-MHz bandwidth. These
features make the OPAx180 a robust, high-performance amplifier for high-voltage industrial applications.
9.2 Typical Applications
These application examples highlight a few of the circuits where the OPAx180 family can be used.
9.2.1 Bipolar ±10-V Analog Output from a Unipolar Voltage Output DAC
This design is used for conditioning a unipolar digital-to-analog converter (DAC) into an accurate bipolar signal
source using the OPAx180 family and three resistors. The circuit is designed with reactive load stability in mind,
and is compensated to drive nearly any conventional capacitive load associated with long cable lengths.
Figure 30. Circuit Schematic
9.2.1.1 Design Requirements
The design requirements are as follows:
•
DAC supply voltage: +5-V dc
•
Amplifier supply voltage: ±15-V dc
•
Input: 3-wire, 24-bit SPI
•
Output: ±10-V dc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com