전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX180 데이터시트(PDF) 4 Page - Texas Instruments

부품명 OPAX180
상세설명  OPAx180 0.1-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX180 데이터시트(HTML) 4 Page - Texas Instruments

  OPAX180 Datasheet HTML 1Page - Texas Instruments OPAX180 Datasheet HTML 2Page - Texas Instruments OPAX180 Datasheet HTML 3Page - Texas Instruments OPAX180 Datasheet HTML 4Page - Texas Instruments OPAX180 Datasheet HTML 5Page - Texas Instruments OPAX180 Datasheet HTML 6Page - Texas Instruments OPAX180 Datasheet HTML 7Page - Texas Instruments OPAX180 Datasheet HTML 8Page - Texas Instruments OPAX180 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
4
OPA180, OPA2180, OPA4180
SBOS584E – NOVEMBER 2011 – REVISED JUNE 2018
www.ti.com
Product Folder Links: OPA180 OPA2180 OPA4180
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
5 Device Comparison Table
Table 1. Zero-Drift Amplifier Portfolio
VERSION
PRODUCT
OFFSET VOLTAGE
(µV)
OFFSET VOLTAGE DRIFT
(µV/°C)
BANDWIDTH
(MHz)
Single
OPA188(4 V to 36 V)
25
0.085
2
OPA180 (4 V to 36 V)
75
0.35
2
OPA333 (5 V)
10
0.05
0.35
OPA378 (5 V)
50
0.25
0.9
OPA735 (12 V)
5
0.05
1.6
Dual
OPA2188 (4 V to 36 V)
25
0.085
2
OPA2180 (4 V to 36 V)
75
0.35
2
OPA2333 (5 V)
10
0.05
0.35
OPA2378 (5 V)
50
0.25
0.9
OPA2735 (12 V)
5
0.05
1.6
Quad
OPA4188 (4 V to 36 V)
25
0.085
2
OPA4180 (4 V to 36 V)
75
0.35
2
OPA4330 (5 V)
50
0.25
0.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com