전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX180 데이터시트(PDF) 11 Page - Texas Instruments

부품명 OPAX180
상세설명  OPAx180 0.1-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX180 데이터시트(HTML) 11 Page - Texas Instruments

Back Button OPAX180 Datasheet HTML 7Page - Texas Instruments OPAX180 Datasheet HTML 8Page - Texas Instruments OPAX180 Datasheet HTML 9Page - Texas Instruments OPAX180 Datasheet HTML 10Page - Texas Instruments OPAX180 Datasheet HTML 11Page - Texas Instruments OPAX180 Datasheet HTML 12Page - Texas Instruments OPAX180 Datasheet HTML 13Page - Texas Instruments OPAX180 Datasheet HTML 14Page - Texas Instruments OPAX180 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
11
OPA180, OPA2180, OPA4180
www.ti.com
SBOS584E – NOVEMBER 2011 – REVISED JUNE 2018
Product Folder Links: OPA180 OPA2180 OPA4180
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Electrical Characteristics: VS = ±2 V to ±18 V (VS = 4 V to 36 V) (continued)
at TA = 25°C, RL = 10 kΩ connected to VS / 2, and VCOM = VOUT = VS / 2, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Voltage output swing from rail
No load
8
18
mV
RL = 10 kΩ
250
300
mV
TA = –40°C to +125°C
RL = 10 kΩ
325
360
mV
IOS
Short-circuit current
±18
mA
ro
Output resistance (open loop)
ƒ = 2 MHz, IO = 0 mA
120
Ω
CLOAD
Capacitive load drive
1
nF
POWER SUPPLY
VS
Operating voltage range
±2 (or 4)
±18 (or 36)
V
IQ
Quiescent current (per amplifier)
450
525
μA
TA = –40°C to +125°C
IO = 0 mA
600
μA
TEMPERATURE
Specified range
–40
105
°C
Operating range
–40
105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com