전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX180 데이터시트(PDF) 24 Page - Texas Instruments

부품명 OPAX180
상세설명  OPAx180 0.1-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX180 데이터시트(HTML) 24 Page - Texas Instruments

Back Button OPAX180 Datasheet HTML 20Page - Texas Instruments OPAX180 Datasheet HTML 21Page - Texas Instruments OPAX180 Datasheet HTML 22Page - Texas Instruments OPAX180 Datasheet HTML 23Page - Texas Instruments OPAX180 Datasheet HTML 24Page - Texas Instruments OPAX180 Datasheet HTML 25Page - Texas Instruments OPAX180 Datasheet HTML 26Page - Texas Instruments OPAX180 Datasheet HTML 27Page - Texas Instruments OPAX180 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
+
±
REF5050
1 µF
R1
4.99 k
R2
49.1 k
R3
60.4 k
½
OPA2180
R5
105.8 k
R4
1 k
1 µF
VOUT
RTD
Pt100
15 V
Out
(5 V)
0°C = 0 V
200°C = 5 V
In
Copyright © 2017, Texas Instruments Incorporated
½
OPA2180
-15V
15V
U5
½
OPA2180
15V
-15V
U2
+
VCM
10
-VDIFF/2
V
DIFF/2
R
1kW
5
R
1kW
7
R
500 W
G
V
P
OUT
V
N
OUT
U1
INA159
3.3V
V
OUT
Ref1
Ref2
Sense
24
OPA180, OPA2180, OPA4180
SBOS584E – NOVEMBER 2011 – REVISED JUNE 2018
www.ti.com
Product Folder Links: OPA180 OPA2180 OPA4180
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
9.2.2 Discrete INA + Attenuation
The OPAx180 family can be used as a high-voltage, high-impedance front-end for a precision, discrete
instrumentation amplifier with attenuation. The INA159 in Figure 33 provides the attenuation that allows this
circuit to simply interface with 3.3-V or 5-V analog-to-digital converters (ADCs).
Figure 33. Discrete INA + Attenuation for ADC With a 3.3-V Supply
9.2.3 RTD Amplifier
The OPAx180 is excellent for use in analog linearization of resistance temperature detectors (RTDs). The circuit
below (Figure 34) combines the precision of the OPAx180 amplifier and the precision reference of the REF5050
to linearize a Pt100 RTD.
(1) R5 provides positive-varying excitation to linearize output.
Figure 34. RTD Amplifier with Linearization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com