전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L99PM72GXP 데이터시트(PDF) 112 Page - STMicroelectronics

부품명 L99PM72GXP
상세설명  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP 데이터시트(HTML) 112 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 108Page - STMicroelectronics L99PM72GXP Datasheet HTML 109Page - STMicroelectronics L99PM72GXP Datasheet HTML 110Page - STMicroelectronics L99PM72GXP Datasheet HTML 111Page - STMicroelectronics L99PM72GXP Datasheet HTML 112Page - STMicroelectronics L99PM72GXP Datasheet HTML 113Page - STMicroelectronics L99PM72GXP Datasheet HTML 114Page - STMicroelectronics L99PM72GXP Datasheet HTML 115Page - STMicroelectronics L99PM72GXP Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 129 page
background image
ST SPI
L99PM72GXP
112/129
DocID024767 Rev 4
6.2.18
Control Register 16
Table 122. Control register 16: command and data bytes
Command byte
1st data byte
2nd data byte
Read/write
Address
x
x
0
1
0
0
0
0
Data, 8 bit
Data, 8 bit
Table 123. Control register 16, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Defaults
00
00
00
0000000000
Function
Group
Selective Wakeup Settings
Table 124. Control register 16, bits
Bit
Name
Comment
15
CR16_30(1)
Must be kept at default
14
CR16_21
13
CR16_20
12
CR16_14
11
CR16_13
10
CR16_12
9
CR16_11
8
CR16_10
7
Reserved
Must be kept at default
6
Sample_2
Sample point
5
Sample_1
Sample_2
Sample_1 Sample_0
Sample point
4
Sample_0
0
0
0
71.5 %
00
1
73.5 %
01
0
75.5 %
01
1
77.5 %
10
0
79.5 %
1
0
1
81.5 % (Optimum sample point(2))
11
0
83.5 %
11
1
85.5 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com