전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L99PM72GXP 데이터시트(PDF) 114 Page - STMicroelectronics

부품명 L99PM72GXP
상세설명  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP 데이터시트(HTML) 114 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 110Page - STMicroelectronics L99PM72GXP Datasheet HTML 111Page - STMicroelectronics L99PM72GXP Datasheet HTML 112Page - STMicroelectronics L99PM72GXP Datasheet HTML 113Page - STMicroelectronics L99PM72GXP Datasheet HTML 114Page - STMicroelectronics L99PM72GXP Datasheet HTML 115Page - STMicroelectronics L99PM72GXP Datasheet HTML 116Page - STMicroelectronics L99PM72GXP Datasheet HTML 117Page - STMicroelectronics L99PM72GXP Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 129 page
background image
ST SPI
L99PM72GXP
114/129
DocID024767 Rev 4
6.2.19
Control Register 34
Table 125. Control register 34: command and data bytes
Command byte
1st data byte
2nd data byte
Read/write
Address
x
x
1
0
0
0
1
0
Data, 8 bit
Data, 8 bit
Table 126. Control register 34, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Defaults
00
00
00
0000000001
Function
Reserved
Group
Selective Wakeup Settings
Table 127. Control register 34, bits
Bit
Name
Comment
15
Reserved
Must be kept at default
14
Reserved
13
Reserved
12
Reserved
11
Reserved
10
Reserved
9Reserved
8Reserved
7Reserved
6Reserved
5Reserved
4Reserved
3Reserved
2Reserved
1Reserved
0
WD_EN
Watchdog enabled bit
0
Watchdog disabled
1
Watchdog enabled
Writing to this bit is only possible during CAN Flash Mode (VTxDL >VFlash).
See Section 2.2.2: Flash Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com