전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L99PM72GXP 데이터시트(PDF) 113 Page - STMicroelectronics

부품명 L99PM72GXP
상세설명  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP 데이터시트(HTML) 113 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 109Page - STMicroelectronics L99PM72GXP Datasheet HTML 110Page - STMicroelectronics L99PM72GXP Datasheet HTML 111Page - STMicroelectronics L99PM72GXP Datasheet HTML 112Page - STMicroelectronics L99PM72GXP Datasheet HTML 113Page - STMicroelectronics L99PM72GXP Datasheet HTML 114Page - STMicroelectronics L99PM72GXP Datasheet HTML 115Page - STMicroelectronics L99PM72GXP Datasheet HTML 116Page - STMicroelectronics L99PM72GXP Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 129 page
background image
DocID024767 Rev 4
113/129
L99PM72GXP
ST SPI
128
3
Reserved
Must be kept at default
2
BR_1
CAN baud rate
1BR_0
BR_1
BR_0
Baud rate
0
0
500 kbit/s
0
1
250 kbit/s
1
0
Oscillator stopped (see Oscillator monitoring)
1
1
125 kbit/s
0SW_EN(3)
Selective Wakeup Enable
0
No selective wakeup
1
Selective wakeup enabled
See Section 2.9.2
1.
Changing the default configuration of CR16 (bits 1 to 15) is only possible when selective wake is disabled
(SW_EN = 0). Setting SW_EN = 0 is always possible. Setting SW_EN = 1 must follow the procedure as
described in Section 2.9.2.
2.
The sampling point bits [6:4] have to be programmed to “101” (81.5%) before enabling the selective wake-
up feature.
3.
SW_EN enables CAN WUF independently from the status of CAN_WAKE_EN.
Table 124. Control register 16, bits (continued)
Bit
Name
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com