전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX134 데이터시트(PDF) 9 Page - Texas Instruments

부품명 OPAX134
상세설명  OPAx134 High-Performance, SoundPlus™ Audio Operational Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX134 데이터시트(HTML) 9 Page - Texas Instruments

Back Button OPAX134 Datasheet HTML 5Page - Texas Instruments OPAX134 Datasheet HTML 6Page - Texas Instruments OPAX134 Datasheet HTML 7Page - Texas Instruments OPAX134 Datasheet HTML 8Page - Texas Instruments OPAX134 Datasheet HTML 9Page - Texas Instruments OPAX134 Datasheet HTML 10Page - Texas Instruments OPAX134 Datasheet HTML 11Page - Texas Instruments OPAX134 Datasheet HTML 12Page - Texas Instruments OPAX134 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
5.8 Typical Characteristics
at TA = 25°C, VS = ±15V, RL = 2kΩ connected to midsupply, and VCM = VOUT = midsupply (unless otherwise noted)
Frequency (Hz)
0.1
0.01
0.001
0.0001
0.00001
10
100
1k
10k
100k
V
O = 3Vrms
G = +1
G = +10
2kW
600W
R
L
Figure 5-1. Total Harmonic Distortion + Noise vs Frequency
Output Amplitude (Vpp)
1
0.1
0.010
0.001
0.0005
5
30m
0.1
1
10
30
Baseline
OP176
OPA134
OPA134
G = +1
f = 1kHz
R = 2k
L
W
Figure 5-2. SMPTE Intermodulation Distortion
vs Output Amplitude
Frequency (Hz)
0.01
0.001
0.0001
0.00001
20
100
1k
10k
20k
V
S = ±16
V
S = ±17
V
S = ±18
V = 10Vrms
O
R = 2k
L
W
Figure 5-3. Total Harmonic Distortion + Noise vs Frequency
Output Amplitude (Vrms)
1
0.1
0.010
0.001
0.0005
0.1
1
10
20
THD < 0.01%
OPA134 – 11.7Vrms
OP176 – 11.1Vrms
Baseline
OP176
OPA134
OPA134
V = 18V
S
±
R = 2k
f = 1kHz
L
W
Figure 5-4. Headroom – Total Harmonic Distortion + Noise
vs Output Amplitude
Frequency (Hz)
0.01
0.001
0.0001
0.00001
0.000001
20
100
1k
10k
20k
2nd Harmonic
3rd Harmonic
V
O = 1Vrms
R
= 6
00
L
W
R
= 2
k
L
W
Figure 5-5. Harmonic Distortion + Noise vs Frequency
Source Resistance ( )
Ω
1k
100
10
1
0.1
10
100
1k
10k
100k
1M
10M
OP176+
Resistor
OPA134+
Resistor
Resistor Noise
Only
V (total) =
(i R ) + e
+ 4kTR
n
n
S
n
S
2
2
Figure 5-6. Voltage Noise vs Source Resistance
www.ti.com
OPA134, OPA2134, OPA4134
SBOS058B – DECEMBER 1997 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA134 OPA2134 OPA4134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com