전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX134 데이터시트(PDF) 10 Page - Texas Instruments

부품명 OPAX134
상세설명  OPAx134 High-Performance, SoundPlus™ Audio Operational Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX134 데이터시트(HTML) 10 Page - Texas Instruments

Back Button OPAX134 Datasheet HTML 6Page - Texas Instruments OPAX134 Datasheet HTML 7Page - Texas Instruments OPAX134 Datasheet HTML 8Page - Texas Instruments OPAX134 Datasheet HTML 9Page - Texas Instruments OPAX134 Datasheet HTML 10Page - Texas Instruments OPAX134 Datasheet HTML 11Page - Texas Instruments OPAX134 Datasheet HTML 12Page - Texas Instruments OPAX134 Datasheet HTML 13Page - Texas Instruments OPAX134 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
5.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±15V, RL = 2kΩ connected to midsupply, and VCM = VOUT = midsupply (unless otherwise noted)
1
1k
100
10
Frequency (Hz)
10
100
1k
10k
100k
1M
1
Voltage Noise
Current Noise
Figure 5-7. Input Voltage and Current Noise Spectral Density
vs Frequency
Noise Bandwidth (Hz)
100
10
1
0.1
1
10
100
1k
10k
100k
Peak-to-Peak
RMS
R = 20
S
W
Figure 5-8. Input-Referred Noise Voltage vs Noise Bandwidth
0.1
1
10
100
1k
10k
100k
1M
10M
160
140
120
100
80
60
40
20
0
–20
0
–45
–90
–135
–180
Frequency (Hz)
f
G
Figure 5-9. Open-Loop Gain and Phase vs Frequency
Frequency (Hz)
50
40
30
20
10
0
–10
–20
1k
10k
100k
1M
10M
G = +10
G = +100
G = +1
Figure 5-10. Closed-Loop Gain vs Frequency
Frequency (Hz)
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
CMR
–PSR
+PSR
Figure 5-11. Power Supply and Common-Mode Rejection vs
Frequency
Frequency (Hz)
160
140
120
100
80
100
1k
10k
100k
Dual and quad devices.
G = 1, all channels.
Quad measured channel
A to D or B to C—other
combinations yield improved
rejection.
R
L = ∞
R
L = 2kΩ
Figure 5-12. Channel Separation vs Frequency
OPA134, OPA2134, OPA4134
SBOS058B – DECEMBER 1997 – REVISED NOVEMBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA134 OPA2134 OPA4134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com