전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX134 데이터시트(PDF) 1 Page - Texas Instruments

부품명 OPAX134
상세설명  OPAx134 High-Performance, SoundPlus™ Audio Operational Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX134 데이터시트(HTML) 1 Page - Texas Instruments

  OPAX134 Datasheet HTML 1Page - Texas Instruments OPAX134 Datasheet HTML 2Page - Texas Instruments OPAX134 Datasheet HTML 3Page - Texas Instruments OPAX134 Datasheet HTML 4Page - Texas Instruments OPAX134 Datasheet HTML 5Page - Texas Instruments OPAX134 Datasheet HTML 6Page - Texas Instruments OPAX134 Datasheet HTML 7Page - Texas Instruments OPAX134 Datasheet HTML 8Page - Texas Instruments OPAX134 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
OPAx134 High-Performance, SoundPlus™ Audio Operational Amplifiers
1 Features
• Excellent sound quality
• Ultra-low distortion: 0.00008%
• Low noise: 8nV/√Hz
• True FET-input: IB = 5pA
• High speed:
– Slew rate: 20V/µs
– Bandwidth: 8MHz
• High open-loop gain: 120dB (2kΩ)
• Wide supply range: ±2.5V to ±18V
• Single, dual, and quad versions
2 Applications
• Professional audio and music
• Line drivers
• Line receivers
• Multimedia audio
• Active filters
• Preamplifiers
• Integrators
• Crossover networks
Frequency (Hz)
0.01
0.001
0.0001
0.00001
20
100
1k
10k
20k
V
S = ±16
V
S = ±17
V
S = ±18
V = 10Vrms
O
R = 2k
L
W
THD+Noise vs Frequency
3 Description
The OPA134, OPA2134, and OPA4134 (OPAx134)
series are ultra-low distortion, low-noise operational
amplifiers fully specified for audio applications. A
true FET input stage is incorporated to provide
excellent sound quality and speed for exceptional
audio performance. This feature, in combination
with high output drive capability and excellent dc
performance, allows for use in a wide variety of
demanding applications. In addition, the OPAx134
series has a wide output swing, to within 1V of the
rails, allowing increased headroom and making these
devices an excellent choice for use in any audio
circuit.
The
OPAx134
SoundPlus™
audio
operational
amplifiers are easy to use and free from phase-
inversion and the overload problems often found
in common FET-input operational amplifiers. The
devices can be operated from ±2.5V to ±18V power
supplies. Input cascode circuitry provides excellent
common-mode rejection and maintains low input bias
current over the wide input voltage range, minimizing
distortion. The OPAx134 series operational amplifiers
are unity-gain stable and provide excellent dynamic
behavior over a wide range of load conditions,
including high load capacitance. The dual and quad
versions feature completely independent circuitry for
lowest crosstalk and freedom from interaction, even
when overdriven or overloaded.
Single and dual versions are available in 8-pin
DIP and SO-8 surface-mount packages in standard
configurations. The quad is available in SO-14
surface-mount package. All are specified for –40°C
to +85°C operation. A SPICE macromodel is available
for design analysis.
Device Information
PART NUMBER
CHANNEL COUNT
PACKAGE(1)
OPA134
Single
D (SOIC, 8)
P (PDIP, 8)
OPA2134
Dual
D (SOIC, 8)
P (PDIP, 8)
OPA4134
Quad
D (SOIC, 14)
(1)
For more information, see also Section 10.
OPA134, OPA2134, OPA4134
SBOS058B – DECEMBER 1997 – REVISED NOVEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - OPAX134

제조업체부품명데이터시트상세설명
logo
Texas Instruments
OPAX134 TI-OPAX134 Datasheet
535Kb / 15P
High-Performance, Fully-Differential AUDIO OP AMP
OPAX134 TI2-OPAX134 Datasheet
1Mb / 35P
OPAx134 High-Performance, SoundPlus™ Audio Operational Amplifiers
REVISED NOVEMBER 2024
More results

유사한 설명 - OPAX134

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134 Datasheet
327Kb / 9P
High Performance AUDIO OPERATIONAL AMPLIFIERS TM
OPA134 BURR-BROWN-OPA134_07 Datasheet
307Kb / 12P
High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134_071 BURR-BROWN-OPA134_071 Datasheet
403Kb / 14P
High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2134UA2K5 TI1-OPA2134UA2K5 Datasheet
1Mb / 20P
High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA1611 TI-OPA1611_15 Datasheet
1Mb / 31P
SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1612-Q1 TI-OPA1612-Q1_15 Datasheet
1Mb / 31P
OPA1612-Q1 SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA134 TI1-OPA134 Datasheet
415Kb / 22P
High Performance Audio Operational Amplifiers
OPA1612-Q1 TI1-OPA1612-Q1 Datasheet
1Mb / 31P
SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1641-Q1 TI1-OPA1641-Q1 Datasheet
679Kb / 31P
SoundPlus JFET-Input, Automotive-Grade, Audio Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com