전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD4062 데이터시트(PDF) 40 Page - Analog Devices

부품명 AD4062
상세설명  Compact, Low Power, 16-Bit, Easy Drive SAR ADC with I3C Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD4062 데이터시트(HTML) 40 Page - Analog Devices

Back Button AD4062 Datasheet HTML 36Page - Analog Devices AD4062 Datasheet HTML 37Page - Analog Devices AD4062 Datasheet HTML 38Page - Analog Devices AD4062 Datasheet HTML 39Page - Analog Devices AD4062 Datasheet HTML 40Page - Analog Devices AD4062 Datasheet HTML 41Page - Analog Devices AD4062 Datasheet HTML 42Page - Analog Devices AD4062 Datasheet HTML 43Page - Analog Devices AD4062 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
Data Sheet
AD4062
SERIAL INTERFACE
analog.com
Rev. 0 | 40 of 71
CONV_READ REGISTER
The CONV_READ register can be used to trigger continuous ADC
conversions in a loop where reading the conversion results of one
ADC conversion initiates the next ADC conversion.
To trigger ADC conversions using the CONV_READ register, up-
date the ADDR_PTR to point to any of the register addresses of
the CONV_READ register (from 0x50 to 0x53). Then, perform a
dummy I3C read from the AD4062 and issue a repeated start (Sr)
followed by a stop (P) at the end of the data phase. The SDA
rising edge of the stop (P) triggers an ADC convert-start as shown
in Figure 66. In sample mode, the convert-start trigger results in
a single conversion. In burst averaging mode, the convert-start
trigger results in a burst of multiple conversions which are used
to generate a single averaged result (see the Modes of Operation
section).
When the next I3C read is performed, the data bits read from the
target will be the ADC conversion results stored in CONV_READ.
The repeated start (Sr) followed by a stop (P) of this read will trigger
the next ADC conversion, and therefore the host can repeatedly
read from CONV_READ to continuously generate and read back
ADC samples.
Note that before reading conversion results from CONV_READ, it
is important to ensure that the correct number of data bytes will
be read from the AD4062 depending on the operating mode. Table
22 shows the contents of the CONV_READ register for sample
mode, trigger mode, and burst averaging mode. Table 17 shows
the recommended ADDR_PTR setting for reading out data in each
mode to minimize the number of bytes to be read per conversion.
Figure 66. Triggering ADC Conversions Using CONV_READ
Table 22. CONV_READ Register Contents
ADC Mode
Byte 0x53 (CONV_READ
[31:24])
Byte 0x52 (CONV_READ
[23:16])
Byte 0x51 (CONV_READ
[15:8])
Byte 0x50 (CONV_READ [7:0])
Sample Mode and Trigger Mode
SE[15:8]1
SE[7:0]
DATA[15:8]
DATA[7:0]
Burst Averaging Mode
SE[11:4]
SE[3:0], DATA[19:16]
DATA[15:8]
DATA[7:0]
1 SE refers to the Sign Extension bits. When the ADC is in differential mode, the value of the SE bits is the same as the most significant data bit. When the ADC is in
single-ended mode, the SE bits are always = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com