전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD4062 데이터시트(PDF) 13 Page - Analog Devices

부품명 AD4062
상세설명  Compact, Low Power, 16-Bit, Easy Drive SAR ADC with I3C Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD4062 데이터시트(HTML) 13 Page - Analog Devices

Back Button AD4062 Datasheet HTML 9Page - Analog Devices AD4062 Datasheet HTML 10Page - Analog Devices AD4062 Datasheet HTML 11Page - Analog Devices AD4062 Datasheet HTML 12Page - Analog Devices AD4062 Datasheet HTML 13Page - Analog Devices AD4062 Datasheet HTML 14Page - Analog Devices AD4062 Datasheet HTML 15Page - Analog Devices AD4062 Datasheet HTML 16Page - Analog Devices AD4062 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
Data Sheet
AD4062
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 13 of 71
VDD = 3.3V, VREF = 3.3V, VIO = 3.3V, CREF = 2.2μF, maximum fS, TA = 25°C, and all features in default configuration, unless otherwise
specified.
Figure 11. INL vs. Output Code
Figure 12. INL vs. Temperature
Figure 13. Zero Error and Gain Error vs. Temperature
Figure 14. Histogram, Sample Mode (No Averaging)
Figure 15. Histogram, Averaging Mode, NAVG = 4096
Figure 16. Dynamic Range and Transition Noise vs. NAVG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com