전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD4062 데이터시트(PDF) 21 Page - Analog Devices

부품명 AD4062
상세설명  Compact, Low Power, 16-Bit, Easy Drive SAR ADC with I3C Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD4062 데이터시트(HTML) 21 Page - Analog Devices

Back Button AD4062 Datasheet HTML 17Page - Analog Devices AD4062 Datasheet HTML 18Page - Analog Devices AD4062 Datasheet HTML 19Page - Analog Devices AD4062 Datasheet HTML 20Page - Analog Devices AD4062 Datasheet HTML 21Page - Analog Devices AD4062 Datasheet HTML 22Page - Analog Devices AD4062 Datasheet HTML 23Page - Analog Devices AD4062 Datasheet HTML 24Page - Analog Devices AD4062 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
Data Sheet
AD4062
THEORY OF OPERATION
analog.com
Rev. 0 | 21 of 71
ANALOG INPUTS
Figure 43. Equivalent Analog Input Circuit
Figure 43 shows an equivalent circuit for each of the AD4062
analog inputs (IN+ and IN−). The analog inputs are modeled as
a switched capacitive load. During the acquisition phase, the sam-
pling switch (SW) connects each input pin to the 3.4pF sampling
capacitor (CIN) in series with the 230Ω switch on resistance (RON).
During the conversion phase, SW disconnects to sample the voltag-
es on the IN+ and IN− pins onto the sampling capacitors. D1 and
D2 represent the ESD diodes from the IN+ and IN− pins to the VDD
supply and GND, respectively. CPIN represents the pin capacitance
of each input pin to GND and is typically 2pF.
See the AD4062 Equivalent Analog Input Model section for more
information on the effective loading characteristics of the AD4062
analog inputs.
Easy Drive Features
The AD4062 Easy Drive analog inputs are designed to enable
compact, low-power precision signal chains by minimizing depend-
ence on specialized high-speed, low-noise, high-power ADC driver
amplifiers. The small sampling capacitors minimize the transient
current glitches typical of SAR ADCs, and the long acquisition
phase maximizes the settling time—even at high sample rates. The
RC kickback filter uses smaller capacitors and larger resistors, alle-
viating amplifier stability concerns and enabling the use of tiny pas-
sive components (for example, 0201 NP0/C0G capacitors). These
Easy Drive features ensure the AD4062 interface with front-end
circuits with high output impedance without incurring settling errors,
expanding compatibility with low-power amplifiers and sensors (see
the Analog Front-End Design section).
The AD4062 is available in the LTspice component library and sup-
port cosimulation with a wide variety of companion amplifiers. The
LTspice model emulates the input-referred noise spectral density
and input transient loading for system noise and settling accuracy
simulations.
VOLTAGE REFERENCE
The VREF voltage sets the ADC FSR (see the Transfer Function
section). The AD4062 VREF range is 2.3 V to VDD, where the
maximum VDD supply voltage is 3.6 V (see Table 1).
The VREF voltage is polled during the SAR bit trials to determine
the ADC output code. During the bit trials, the SAR core exhibits
transient charge draw. To ensure the VREF voltage remains stable
during the SAR bit trials, place a 2.2 μF decoupling capacitor as
close to the REF pin as possible. Lower decoupling capacitance
values (for example, 1 μF) may be used with slight performance
degradations. See the Reference Circuit Design section for more
recommendations for pairing voltage references with the AD4062.
Reference Selection Modes
The AD4062 VREF voltage can be sourced from either the REF
input pin or the VDD supply pin. By default, the REF pin acts as the
VREF source, and this setting is the intended mode to achieve the
performance specifications given in Table 1. The VDD supply option
is provided to support low-power measurements where accuracy
is not critical or to allow the system to power cycle the voltage
reference for long periods of time to save system power. The VREF
source option is controlled with the REF_SEL bit in the ADC_CON-
FIG register (see Table 48).
The AD4062 includes an automated gain scaling function, where
the ADC core samples the REF voltage as a fraction of the VDD
supply voltage and stores the appropriate gain scaling value into
the MON_VAL register, such that using VDD as the VREF source
has the same ADC transfer function as REF. This allows the system
to power down the voltage reference circuitry for extended periods
of time with similar levels of performance. See the Achieving High
Accuracy with Reference Shutdown section for a detailed descrip-
tion of the automated gain scaling feature.
Figure 44. Reference Source Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com