| 전자부품 데이터시트 검색엔진 |
|
AD4062 데이터시트(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD4062 데이터시트(HTML) 2 Page - Analog Devices |
|
2 / 71 page ![]() Data Sheet AD4062 TABLE OF CONTENTS analog.com Rev. 0 | 2 of 71 Features................................................................ 1 Applications........................................................... 1 General Description...............................................1 Functional Block Diagram......................................1 Specifications........................................................ 4 Timing Specifications......................................... 7 Absolute Maximum Ratings.................................10 Thermal Resistance......................................... 10 Electrostatic Discharge (ESD) Ratings.............10 ESD Caution.....................................................10 Pin Configuration and Function Descriptions.......11 Typical Performance Characteristics................... 13 Terminology......................................................... 18 Theory of Operation.............................................19 Overview.......................................................... 19 Converter Operation.........................................19 Analog Inputs................................................... 21 Voltage Reference............................................21 Digital Processing Features............................. 22 Internal Timer................................................... 23 Power Supplies................................................ 23 Comparator Operation......................................23 Interrupts and Control Signals..........................25 Modes of Operation............................................. 28 Sample Mode................................................... 29 Burst Averaging Mode......................................31 Autonomous Modes......................................... 33 Sleep Mode...................................................... 35 Serial Interface.................................................... 36 Dynamic Addressing........................................ 36 Register Address Pointer................................. 37 Register Writes.................................................37 Register Reads.................................................38 Register Access CRC.......................................39 CONV_READ Register.....................................40 CONV_TRIGGER Register.............................. 41 Data Phase Ninth SDA Bit................................42 Common Command Codes (CCCs).................42 Device Reset....................................................45 Applications Information...................................... 47 Typical Applications Diagram........................... 47 Analog Front-End Design.................................48 Reference Circuit Design................................. 50 Synchronized Amplifier Shutdown and ADC Sampling........................................................ 50 Achieving High Accuracy with Reference Shutdown....................................................... 51 VDD Power Dissipation.................................... 52 Calculating Serial Interface Output Data Rate................................................................54 Layout Recommendations................................55 AD4062 Register Summary.................................56 Register Details................................................... 57 Interface Configuration A Register................... 57 Interface Configuration B Register................... 57 Device Configuration Register..........................57 Device Type Register....................................... 58 Product Identification (LSByte) Register.......... 58 Product Identification (MSByte) Register......... 58 Device Grade Register..................................... 58 Scratch Pad Register....................................... 58 MIPI Manufacturer ID (LSByte) Register..........59 MIPI Manufacturer ID (MSByte) Register.........59 Reserved Register............................................59 Reserved Register............................................60 Interface Configuration C Register................... 60 Interface Status Register..................................60 ADC Operating Mode Configuration Register.. 61 ADC Setup Configuration Register...................61 Averaging Filter Configuration Register........... 62 General Purpose Pin Configuration Register... 62 Interrupt Configuration Register....................... 63 Timer Configuration Register........................... 64 Maximum Threshold Configuration Register.... 65 Minimum Threshold Configuration Register..... 65 Maximum Threshold Hysteresis Register.........65 Minimum Threshold Hysteresis Register..........65 MON_VAL Scaling Register............................. 66 Interface Error IBI Enable Register.................. 66 ADC IBI Enable Register..................................66 Fuse CRC Register.......................................... 67 Device Status Register.....................................67 Maximum Interrupt Sample Register................68 Minimum Interrupt Sample Register.................68 Target Address Register...................................68 Group Address Register...................................68 IBI Status Register........................................... 69 Conversion Read Result Register.................... 69 Conversion Trigger Register............................ 70 Outline Dimensions............................................. 71 Ordering Guide.................................................71 Evaluation Boards............................................ 71 |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |