전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411D 데이터시트(PDF) 42 Page - Texas Instruments

부품명 TMP411D
상세설명  TMP411-Q1 ±1°C and TMP411D-Q1 ±0.8°C Remote and Local Temperature Sensors with N-Factor and Series Resistance Correction
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411D 데이터시트(HTML) 42 Page - Texas Instruments

Back Button TMP411D Datasheet HTML 38Page - Texas Instruments TMP411D Datasheet HTML 39Page - Texas Instruments TMP411D Datasheet HTML 40Page - Texas Instruments TMP411D Datasheet HTML 41Page - Texas Instruments TMP411D Datasheet HTML 42Page - Texas Instruments TMP411D Datasheet HTML 43Page - Texas Instruments TMP411D Datasheet HTML 44Page - Texas Instruments TMP411D Datasheet HTML 45Page - Texas Instruments TMP411D Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
For n = 1.004 and T(°C) = 100°C, use Equation 5:
ERR
ERR
1.004
1.008
T
273.15
100 C
1.008
T
1.48 C
§
· u
¨
¸
©
¹
°
°
(5)
If a discrete transistor is used as the remote temperature sensor, please select the transistor according to the
following criteria, which results in the best accuracy.
1. Base-emitter voltage > 0.25V at 6µA, at the highest sensed temperature.
2. Base-emitter voltage < 0.95V at 120µA, at the lowest sensed temperature.
3. Base resistance < 100Ω
4. Tight control of VBE characteristics is indicated by small variations in hFE (that is, 50 to 150).
Based on these criteria, use two small-signal transistors, such as the 2N3904 (NPN) or 2N3906 (PNP).
9.2.2 Detailed Design Procedure
The temperature measurement accuracy of the TMP411-Q1 and TMP411D-Q1 depends on the remote or local
temperature sensor being at the same temperature as the monitored system point. If the temperature sensor is
not in good thermal contact with the part of the system being monitored, then there is a delay in the response
of the sensor to a temperature change in the system. For remote temperature sensing applications using a
substrate transistor (or a small, SOT-23 transistor) placed close to the device, this delay is typically not a
concern.
The local temperature sensor inside the TMP411-Q1 and TMP411D-Q1 monitors the ambient air around the
device. The thermal time constant for the TMP411-Q1 and TMP411D-Q1 devices is approximately two seconds.
This constant implies that if the ambient air changes quickly by 100°C, the TMP411-Q1 and TMP411D-Q1 take
approximately 10 seconds (that is, five thermal time constants) to settle within 1°C of the final value. In most
applications, the TMP411-Q1 and TMP411D-Q1 package is in electrical (and thermal contact) with the printed
circuit board (PCB), and is subjected to forced airflow. The accuracy of the temperature measurement directly
depends on how accurately the PCB and forced airflow temperatures represent the temperature measured by
the device. Additionally, the internal power dissipation of the TMP411-Q1 and TMP411D-Q1 can cause the
temperature to rise above the ambient or PCB temperature. The internal power dissipated as a result of exciting
the remote temperature sensor is negligible because of the small currents used.
TMP411-Q1 (Legacy Chip): For a 5.5V supply and maximum conversion rate of eight conversions per second,
the TMP411-Q1 dissipates 2.2mW (PD IQ = 5.5V × 400µA). If the ALERT/ THERM2 and THERM pins are each
sinking 1mA, an additional power of 0.8mW is dissipated (PD OUT = 1mA × 0.4V + 1mA × 0.4V = 0.8mW).
Total power dissipation equals 3mW (PD IQ + PD OUT) and (with a θJA value of 150°C/W) causes the junction
temperature to rise approximately 0.45°C above the ambient.
TMP411-Q1 (New Chip): For a 5.5V supply and maximum conversion rate of eight conversions per second, the
TMP411-Q1 dissipates 0.248mW (PD IQ = 5.5V × 45µA). If the ALERT/ THERM2 and THERM pins are each
sinking 1mA, an additional power of 0.8mW is dissipated (PD OUT = 1mA × 0.4V + 1mA × 0.4V = 0.8mW). Total
power dissipation equals 1.048mW (PD IQ + PD OUT) and (with a θJA value of 162°C/W) causes the junction
temperature to rise approximately 0.170°C above the ambient.
TMP411D-Q1: For a 5.5V supply and maximum conversion rate of eight conversions per second, the TMP411D-
Q1 dissipates 0.248mW (PD IQ = 5.5V × 45µA). If the ALERT/ THERM2 and THERM pins are each sinking
1mA, an additional power of 0.8mW is dissipated (PD OUT = 1mA × 0.4V + 1mA × 0.4V = 0.8mW). Total
power dissipation equals 1.048mW (PD IQ + PD OUT) and (with a θJA value of 182°C/W) causes the junction
temperature to rise approximately 0.191°C above the ambient.
TMP411-Q1, TMP411D-Q1
SBOS527G – DECEMBER 2010 – REVISED SEPTEMBER 2025
www.ti.com
42
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411-Q1 TMP411D-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com