전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411D 데이터시트(PDF) 47 Page - Texas Instruments

부품명 TMP411D
상세설명  TMP411-Q1 ±1°C and TMP411D-Q1 ±0.8°C Remote and Local Temperature Sensors with N-Factor and Series Resistance Correction
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411D 데이터시트(HTML) 47 Page - Texas Instruments

Back Button TMP411D Datasheet HTML 43Page - Texas Instruments TMP411D Datasheet HTML 44Page - Texas Instruments TMP411D Datasheet HTML 45Page - Texas Instruments TMP411D Datasheet HTML 46Page - Texas Instruments TMP411D Datasheet HTML 47Page - Texas Instruments TMP411D Datasheet HTML 48Page - Texas Instruments TMP411D Datasheet HTML 49Page - Texas Instruments TMP411D Datasheet HTML 50Page - Texas Instruments TMP411D Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
11 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (November 2013) to Revision G (September 2025)
Page
• Added the TMP411D-Q1 device throughout the document; updated the data sheet title.................................. 1
• Updated the look and feel of the document per the latest Texas Instruments and industry data sheet
standards............................................................................................................................................................ 1
• Added "Package Information" table to the Description section.......................................................................... 1
• Added "Device Comparison" table, "Device Nomenclature" figure and description........................................... 3
• Updated the "Conversion time" throughout the document................................................................................. 3
• Changed the Average and Shutdown currents throughout the document..........................................................3
• Added Pin Configurations and Functions section...............................................................................................5
• Added "Type" column to Pin Functions table......................................................................................................5
• Updated the maximum voltage ratings on D+/D- pins........................................................................................6
• Updated the maximum voltage rating on pins 4, 6, 7, 8..................................................................................... 6
• Updated the maximum voltage rating on V+ pin................................................................................................ 6
• Updated Human body model (HBM) and Charged device model (CDM) Electrostatic discharge for TMP411-
Q1....................................................................................................................................................................... 6
• Added DGK and DDF packages Thermal Information section........................................................................... 6
• Updated the typo and moved "TA = 15°C to 85°C, V+ = 3.3V" from Remote temperature error to Local
temperature error................................................................................................................................................7
• Added "TDIODE = –40°C to 150°C" condition to temperature error power supply sensitivity.............................. 7
• Added "Conversion time" for the New chip in Electrical Characteristics table....................................................7
• Updated the typo for Hysteresis typical value from 500mV to 170mV................................................................7
• Added "Logic input current" for the New chip in Electrical Characteristics table................................................ 7
• Added "Output low voltage" for the New chip in Electrical Characteristics table................................................7
• Added "High-level output leakage current" for the New chip in Electrical Characteristics table.........................7
• Updated the typo and added 6mA min to “ALERT or THERM2 output low sink current”................................... 7
• Added "Quiescent current" for the New chip and all test conditions in the Electrical Characteristics table........7
• Removed limitation on Undervoltage lockout..................................................................................................... 7
• Added "Power-on-reset threshold" for the new chip in the Electrical Characteristics table................................7
• Added Brownout detect value in the Electrical Characteristics table..................................................................7
• Changed t(SUDAT) in High-Speed Mode from 10ns to 20ns........................................................................... 11
• Added "Typical Characteristics (TMP411-Q1)" graphs for the New chip..........................................................12
• Added an overview in the Detailed Description section....................................................................................19
• Updated the Basic Connections figure in the Overview section....................................................................... 19
• Added Functional Block Diagram section.........................................................................................................20
• Added Feature Description section and relocated feature information to this section......................................20
• Added "12-bit Q4 parameters and Bit values" tables along with its C code..................................................... 20
• Updated the Undervoltage Lockout section due to Undervoltage Lockout voltage removal by POR in the
New chip...........................................................................................................................................................23
• Added Device Functional Modes section......................................................................................................... 24
• Clarified the Shutdown Mode (SD) section to match actual silicon behavior................................................... 24
• Changed the terminology "Master" to "Controller" and "Slave" to "Target" throughout the document..............25
• Added Timing Diagrams to the Specifications section..................................................................................... 25
• Added "TMP411-Q1 and TMP411D-Q1 Device Address Options" table.......................................................... 28
• Changed REGISTER INFORMATION section to Register Maps section and centralized register information in
this section........................................................................................................................................................32
• Updated the Status Register section due to Undervoltage lockout voltage removal by POR in the New chip.33
• Added "Application Information" section...........................................................................................................40
• Added D+ waveform in the Design Requirements section............................................................................... 41
• Updated Detailed Design Procedure section....................................................................................................42
www.ti.com
TMP411-Q1, TMP411D-Q1
SBOS527G – DECEMBER 2010 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: TMP411-Q1 TMP411D-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com