전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411D 데이터시트(PDF) 44 Page - Texas Instruments

부품명 TMP411D
상세설명  TMP411-Q1 ±1°C and TMP411D-Q1 ±0.8°C Remote and Local Temperature Sensors with N-Factor and Series Resistance Correction
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411D 데이터시트(HTML) 44 Page - Texas Instruments

Back Button TMP411D Datasheet HTML 40Page - Texas Instruments TMP411D Datasheet HTML 41Page - Texas Instruments TMP411D Datasheet HTML 42Page - Texas Instruments TMP411D Datasheet HTML 43Page - Texas Instruments TMP411D Datasheet HTML 44Page - Texas Instruments TMP411D Datasheet HTML 45Page - Texas Instruments TMP411D Datasheet HTML 46Page - Texas Instruments TMP411D Datasheet HTML 47Page - Texas Instruments TMP411D Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
9.3 Power Supply Recommendations
The TMP411-Q1 operates with a power supply range of 2.7V to 5.5V, while the TMP411D-Q1 power supply
range of 1.62V to 5.5V. The device is optimized for operation at a 3.3V supply, but measures temperature
accurately in the full supply range. TI recommends using a power supply bypass capacitor. Place the capacitor
as close as possible to the supply and ground pins of the device. 0.1µF is a typical value for the supply
bypass capacitor. Applications with noisy or high-impedance power supplies can require additional decoupling
capacitors to reject power-supply noise.
9.4 Layout
9.4.1 Layout Guidelines
Remote temperature sensing on the TMP411-Q1 and TMP411D-Q1 devices measures small voltages using low
currents, and therefore, noise at the device inputs must be minimized. Most applications using the TMP411-Q1
and TMP411D-Q1 devices have high digital content, with several clocks and logic-level transitions creating a
noisy environment. The layout must adhere to the following guidelines:
1. Place the TMP411-Q1 and TMP411D-Q1 devices as close to the remote junction sensor as possible.
2. Route the D+ and D− traces next to each other and shield them from adjacent signals using ground guard
traces, as shown in Figure 9-10. If a multilayer PCB is used, bury these traces between ground or VDD
planes to shield them from extrinsic noise sources. Five-mil (0.127mm) PCB traces are recommended.
3. Minimize additional thermocouple junctions caused by copper-to-solder connections. If these junctions are
used, make the same number and approximate locations of copper-to-solder connections in both the D+ and
D− connections to cancel any thermocouple effects.
4. Use a 0.1μF local bypass capacitor directly between the V+ and GND of the TMP411-Q1 and TMP411D-Q1
devices, as shown in Figure 9-11. Minimize filter capacitance between D+ and D− to 1000pF or less for
optimum measurement performance. This capacitance includes any cable capacitance between the remote
temperature sensor and the TMP411-Q1 and TMP411D-Q1 devices.
5. If the connection between the remote temperature sensor and the TMP411-Q1 and TMP411D-Q1 devices
is less than 8 inches (20cm), use a twisted-wire pair connection. Beyond 8 inches (20cm), use a twisted,
shielded pair with the shield grounded as close to the TMP411-Q1 and TMP411D-Q1 devices as possible.
Leave the remote sensor connection end of the shield wire open to avoid ground loops and 60Hz pickup.
–(A)
(A)
(A)
(A)
A.
5mil (0.127mm) traces with 5mil (0.127mm) spacing
Figure 9-10. Example Signal Traces
TMP411-Q1, TMP411D-Q1
SBOS527G – DECEMBER 2010 – REVISED SEPTEMBER 2025
www.ti.com
44
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411-Q1 TMP411D-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com