전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CC113LRGPR 데이터시트(PDF) 36 Page - Texas Instruments

부품명 CC113LRGPR
상세설명  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR 데이터시트(HTML) 36 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 32Page - Texas Instruments CC113LRGPR Datasheet HTML 33Page - Texas Instruments CC113LRGPR Datasheet HTML 34Page - Texas Instruments CC113LRGPR Datasheet HTML 35Page - Texas Instruments CC113LRGPR Datasheet HTML 36Page - Texas Instruments CC113LRGPR Datasheet HTML 37Page - Texas Instruments CC113LRGPR Datasheet HTML 38Page - Texas Instruments CC113LRGPR Datasheet HTML 39Page - Texas Instruments CC113LRGPR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 87 page
background image
RX
13,14,15
IDLE
1
CALIBRATE
8
MANCAL
3,4,5
SETTLING
9,10,11
RX_OVERFLOW
17
FS_AUTOCAL = 00 | 10 | 11
and
SRX
SRX
RXOFF_MODE = 00
and
FS_AUTOCAL = 10 | 11
SIDLE
SCAL
CAL_COMPLETE
FS_AUTOCAL = 01
and
SRX
RXFIFO_OVERFLOW
CAL_COMPLETE
SFRX
CALIBRATE
12
IDLE
1
RXOFF_MODE = 00
and
FS_AUTOCAL = 00 | 01
RXOFF_MODE =
11
SRX
SLEEP
0
SPWD
XOFF
2
SXOFF
CSn = 0
CSn = 0
FS_WAKEUP
6,7
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
5.13 Radio Control
Figure 5-11. Complete Radio Control State Diagram
CC113L has a built-in state machine that is used to switch between different operational states (modes).
The change of state is done either by using command strobes or by internal events such as RX FIFO
overflow.
A simplified state diagram, together with typical usage and current consumption, is shown in Figure 5-2.
The complete radio control state diagram is shown in Figure 5-11. The numbers refer to the state number
readable in the MARCSTATE status register. This register is primarily for test purposes.
36
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87