전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL9222 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL9222
상세설명  High Input Voltage Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9222 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL9222 Datasheet HTML 1Page - Intersil Corporation ISL9222 Datasheet HTML 2Page - Intersil Corporation ISL9222 Datasheet HTML 3Page - Intersil Corporation ISL9222 Datasheet HTML 4Page - Intersil Corporation ISL9222 Datasheet HTML 5Page - Intersil Corporation ISL9222 Datasheet HTML 6Page - Intersil Corporation ISL9222 Datasheet HTML 7Page - Intersil Corporation ISL9222 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FN6643.1
March 10, 2008
Typical Applications
ISL9222
VIN
BAT
IREF
GND
TO INPUT POWER
C1
1µF
RIREF
EN
R2
470
C2
1 µF
D1
JIGIN
BATT
SYSTEM
CONTROLLER
OFF
JIGON
GPIO
ON
BOOT
PPR
R1
1?
C3
R3
TABLE 1. JIGON STATES
POWER GOOD
JIGIN
VBAT VOLTAGE
PRESENT, OR BATTERY
ATTACHED
JIGON
PPR
NoLNoL
Hi-Z
No
L
Yes
L
Hi-Z
No
H
No
L
Hi-Z
No
H
Yes
H
Hi-Z
Yes
L
X
H
Low
Yes
L
X
H
Low
Yes
H
X
H
Low
Yes
H
X
H
Low
ISL9222



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com