전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL9222 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL9222
상세설명  High Input Voltage Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9222 데이터시트(HTML) 8 Page - Intersil Corporation

  ISL9222 Datasheet HTML 1Page - Intersil Corporation ISL9222 Datasheet HTML 2Page - Intersil Corporation ISL9222 Datasheet HTML 3Page - Intersil Corporation ISL9222 Datasheet HTML 4Page - Intersil Corporation ISL9222 Datasheet HTML 5Page - Intersil Corporation ISL9222 Datasheet HTML 6Page - Intersil Corporation ISL9222 Datasheet HTML 7Page - Intersil Corporation ISL9222 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6643.1
March 10, 2008
ISL9222
Thin Dual Flat No-Lead Plastic Package (TDFN)
//
NX (b)
SECTION "C-C"
5
(A1)
BOTTOM VIEW
A
6
AREA
INDEX
C
C
0.10
0.08
SIDE VIEW
0.15
2X
E
A
B
C
0.15
D
TOP VIEW
CB
2X
6
8
AREA
INDEX
NX L
E2
E2/2
REF.
e
N
(Nd-1)Xe
(DATUM A)
(DATUM B)
5
0.10
8
7
D2
B
A
M
C
N-1
12
PLANE
SEATING
C
A
A3
NX b
D2/2
NX k
FOR EVEN TERMINAL/SIDE
TERMINAL TIP
CL
e
L
C
C
L8.2x3A
8 LEAD THIN DUAL FLAT NO-LEAD PLASTIC PACKAGE
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.70
0.75
0.80
-
A1
-
-
0.05
-
A3
0.20 REF
-
b
0.20
0.25
0.32
5,8
D
2.00 BSC
-
D2
1.50
1.65
1.75
7,8
E
3.00 BSC
-
E2
1.65
1.80
1.90
7,8
e
0.50 BSC
-
k0.20
-
-
-
L
0.30
0.40
0.50
8
N
8
2
Nd
4
3
Rev. 0 6/04
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd refers to the number of terminals on D.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.25mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Dimensions D2 and E2 are for the exposed pads which provide
improved electrical and thermal performance.
8. Nominal dimensions are provided to assist with PCB Land
Pattern Design efforts, see Intersil Technical Brief TB389.



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com