전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL9222 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL9222
상세설명  High Input Voltage Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9222 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL9222 Datasheet HTML 1Page - Intersil Corporation ISL9222 Datasheet HTML 2Page - Intersil Corporation ISL9222 Datasheet HTML 3Page - Intersil Corporation ISL9222 Datasheet HTML 4Page - Intersil Corporation ISL9222 Datasheet HTML 5Page - Intersil Corporation ISL9222 Datasheet HTML 6Page - Intersil Corporation ISL9222 Datasheet HTML 7Page - Intersil Corporation ISL9222 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FN6643.1
March 10, 2008
Description
The ISL9222 charges a Li-ion battery using a CC/CV profile.
The constant current IREF is set with the external resistor
RIREF (See Typical Applications circuit on page 4) and the
constant voltage is fixed at 4.2V. If the battery voltage is
below a typical 2.55V trickle-charge threshold, the ISL9222
charges the battery with a trickle current of 19% of IREF until
the battery voltage rises above the trickle charge threshold.
Fast charge CC mode is maintained at the rate determined
by programming IREF until the cell voltage rises to 4.2V.
When the battery voltage reaches 4.2V, the charger enters a
CV mode and regulates the battery voltage at 4.2V to fully
charge the battery without the risk of over charge. The
charger will continue to output the 4.2V voltage until the
FIGURE 1. BLOCK DIAGRAM
VREF
EN
+115
OC
DIE
TEMP
VIN
PPR
EN
GND
JIGIN
JIGON
IREF
BAT
200k
Ω
VOS
BAT
POR
CHARGE
CONTROL
PRE
REG
VCC
VREF
VCC
240k
Ω
BAT
OVP
FIGURE 2. TYPICAL CHARGE PROFILE
IREF
TRICKLE
CC
CV
19% IREF
4.2V
TIME
2.55V
CHARGE
CURRENT
CHARGE
VOLTAGE
ISL9222



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com