전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EL9111 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 EL9111
상세설명  Triple Differential Receiver/Equalizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9111 데이터시트(HTML) 4 Page - Intersil Corporation

  EL9111_07 Datasheet HTML 1Page - Intersil Corporation EL9111_07 Datasheet HTML 2Page - Intersil Corporation EL9111_07 Datasheet HTML 3Page - Intersil Corporation EL9111_07 Datasheet HTML 4Page - Intersil Corporation EL9111_07 Datasheet HTML 5Page - Intersil Corporation EL9111_07 Datasheet HTML 6Page - Intersil Corporation EL9111_07 Datasheet HTML 7Page - Intersil Corporation EL9111_07 Datasheet HTML 8Page - Intersil Corporation EL9111_07 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN7450.4
May 9, 2007
ΔGain @ DC
Channel-to-Channel Gain
Matching
VC = 0, VG = 0.39, X2 = 5,
RL = 150Ω
36
%
ΔGain @
15MHz
Channel-to-Channel Gain
Matching
VC = 0.6, VG = 0.39, X2 = 5,
RL = 150Ω, Frequency = 15MHz
310
%
V(SYNC)HI
High Level output on V/HOUT
(EL9111 only)
V(VSP) - 0.1V
V(VSP)
V(SYNC)LO
Low Level output on V/HOUT
(EL9111 only)
0VSYNCREF + 0.1V
SUPPLY
ISON
Supply Current per Channel
VENBL = 5, VINM = 0
32
36
39
mA
ISOFF
Supply Current per Channel
VENBL = 0, VINM = 0
0.2
0.4
mA
PSRR
Power Supply Rejection Ratio
DC to 100kHz, ±5V supply
65
dB
LOGIC CONTROL PINS (ENABLE, X2)
VHI
Logic High Level
VIN - VLOGIC ref for guaranteed
high level
1.35
V
VLOW
Logic Low Level
VIN - VLOGIC ref for guaranteed low
level
0.8
V
ILOGICH
Logic High Input Current
VIN = 5V, VLOGIC = 0V
50
µA
ILOGICL
Logic Low Input Current
VIN = 0V, VLOGIC = 0V
15
µA
Electrical Specifications
VSA+ = VA+ = +5V, VSA- = VA- = -5V, TA = +25°C, exposed die plate = -5V, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Pin Descriptions
PIN
NUMBER
EL9111IL
PIN NAME
EL9111IL
PIN FUNCTION
EL9112IL
PIN NAME
EL9112IL
PIN FUNCTION
1
VSMO_B
-5V to blue output buffer
VSMO_B
-5V to blue output buffer
2
VOUT_B
Blue output voltage referenced to 0V pin
VOUT_B
Blue output voltage referenced to 0V pin
3
VSPO_B
+5V to blue output buffer
VSPO_B
+5V to blue output buffer
4
VSPO_G
+5V to green output buffer
VSPO_G
+5V to green output buffer
5
VOUT_G
Green output voltage referenced to 0V pin
VOUT_G
Green output voltage referenced to 0V pin
6
VSMO_G
-5V to green output buffer
VSMO_G
-5V to green output buffer
7
VSMO_R
-5V to red output buffer
VSMO_R
-5V to red output buffer
8
VOUT_R
Red output voltage referenced to 0V pin
VOUT_R
Red output voltage referenced to 0V pin
9
VSPO_R
+5V to red output buffer
VSPO_R
+5V to red output buffer
10
VCTRL
Equalization control voltage (0V to 1V)
VCTRL
Equalization control voltage (0V to 1V)
11
VREF
Reference voltage for logic signals, VCTRL and
VGAIN pins
VREF
Reference voltage for logic signals, VCTRL and
VGAIN pins
12
VGAIN_R
Red channel gain voltage (0V to 1V)
VGAIN_R
Red channel gain voltage (0V to 1V)
13
VGAIN_G
Green channel gain voltage (0V to 1V)
VGAIN_G
Green channel gain voltage (0V to 1V)
14
VGAIN_B
Blue channel gain voltage (0V to 1V)
VGAIN_B
Blue channel gain voltage (0V to 1V)
15
VSM
-5V to core of chip
VSM
-5V to core of chip
16
VINP_R
Red positive differential input
VINP_R
Red positive differential input
17
VINM_R
Red negative differential input
VINM_R
Red negative differential input
18
VINP_G
Green positive differential input
VINP_G
Green positive differential input
19
VINM_G
Green negative differential input
VINM_G
Green negative differential input
20
VINP_B
Blue positive differential input
VINP_B
Blue positive differential input
EL9111, EL9112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com