전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EL9111 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 EL9111
상세설명  Triple Differential Receiver/Equalizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9111 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button EL9111_07 Datasheet HTML 5Page - Intersil Corporation EL9111_07 Datasheet HTML 6Page - Intersil Corporation EL9111_07 Datasheet HTML 7Page - Intersil Corporation EL9111_07 Datasheet HTML 8Page - Intersil Corporation EL9111_07 Datasheet HTML 9Page - Intersil Corporation EL9111_07 Datasheet HTML 10Page - Intersil Corporation EL9111_07 Datasheet HTML 11Page - Intersil Corporation EL9111_07 Datasheet HTML 12Page - Intersil Corporation EL9111_07 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN7450.4
May 9, 2007
Applications Information
Logic Control
The EL9112 has two logical input pins, Chip Enable
(ENABLE) and Switch Gain (X2). The logic circuits all have a
nominal threshold of 1.1V above the potential of the logic
reference pin (VREF). In most applications it is expected that
this chip will run from a +5V, 0V, -5V supply system with logic
being run between 0V and +5V. In this case the logic
reference voltage should be tied to the 0V supply. If the logic
is referenced to the -5V rail, then the logic reference should
be connected to -5V. The logic reference pin sources about
60µA and this will rise to about 200µA if all inputs are true
(positive).
The logic inputs all source up to 10µA when they are held at
the logic reference level. When taken positive, the inputs
sink a current dependent on the high level, up to 50µA for a
high level 5V above the reference level.
The logic inputs, if not used, should be tied to the
appropriate voltage in order to define their state.
Control Reference and Signal Reference
Analog control voltages are required to set the equalizer and
contrast levels. These signals are voltages in the range 0V -
1V, which are referenced to the control reference pin. It is
expected that the control reference pin will be tied to 0V and
the control voltage will vary from 0V to 1V. It is; however,
acceptable to connect the control reference to any potential
between -5V and 0V to which the control voltages are
referenced.
The control voltage pins themselves are high impedance.
The control reference pin will source between 0µA and
200µA depending on the control voltages being applied.
The control reference and logic reference effectively remove
the need for the 0V rail and operation from ±5V (or 0V and
10V) only is possible. However we still need a further
reference to define the 0V level of the single ended output
signal. The reference for the output signal is provided by the
0V pin. The output stage cannot pull fully up or down to
either supply so it is important that the reference is
positioned to allow full output swing. The 0V reference
should be tied to a 'quiet ground' as any noise on this pin is
transferred directly to the output. The 0V pin is a high
impedance pin and draws DC bias currents of a few µA and
similar levels of AC current.
Equalizing
When transmitting a signal across a twisted pair cable, the
high frequency (above 1MHz) information is attenuated
more significantly than the information at low frequencies.
The attenuation is predominantly due to resistive skin effect
losses and has a loss curve which depends on the resistivity
of the conductor, surface condition of the wire and the wire
diameter. For the range of high performance twisted pair
cables based on 24awg copper wire (CAT-5 etc.) these
parameters vary only a little between cable types, and in
general cables exhibit the same frequency dependence of
loss. (The lower loss cables can be compared with
somewhat longer lengths of their more lossy brothers.) This
enables a single equalizing law equation to be built into the
EL9112.
With a control voltage applied between pins VCTRL and
VREF, the frequency dependence of the equalization is
shown in Figure 8. The equalization matches the cable loss
up to about 100MHz. Above this, system gain is rolled off
rapidly to reduce noise bandwidth. The roll-off occurs more
rapidly for higher control voltages, thus the system (cable +
equalizer) bandwidth reduces as the cable length increases.
This is desirable, as noise becomes an increasing issue as
the equalization increases.
Contrast
By varying the voltage between pins VGAIN and VREF, the
gain of the signal path can be changed in the ratio 4:1. The
gain change varies almost linearly with control voltage. For
normal operation it is anticipated the X2 mode will be
selected and the output load will be back matched. A unity
gain to the output load will then be achieved with a gain
control voltage of about 0.35V. This allows the gain to be
trimmed up or down by 6dB to compensate for any gain/loss
errors that affect the contrast of the video signal. Figure 26
shows an example plot of the gain to the load with gain
control voltage.
FIGURE 26. VARIATION OF GAIN WITH GAIN CONTROL
VOLTAGE
Common Mode Sync Decoding
The EL9111 features common mode decoding to allow
horizontal and vertical synchronization information, which
has been encoded on the three differential inputs by the
EL4543, to be decoded. The entire RGB video signal can
therefore be transmitted, along with the associated
synchronization information, by using just three twisted
pairs.
00.8
VGAIN
0.4
1
2.0
1.8
1.4
1.0
0.6
0.4
0.6
0.2
1.6
1.2
0.8
EL9111, EL9112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com