전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EL9111 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 EL9111
상세설명  Triple Differential Receiver/Equalizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9111 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button EL9111_07 Datasheet HTML 5Page - Intersil Corporation EL9111_07 Datasheet HTML 6Page - Intersil Corporation EL9111_07 Datasheet HTML 7Page - Intersil Corporation EL9111_07 Datasheet HTML 8Page - Intersil Corporation EL9111_07 Datasheet HTML 9Page - Intersil Corporation EL9111_07 Datasheet HTML 10Page - Intersil Corporation EL9111_07 Datasheet HTML 11Page - Intersil Corporation EL9111_07 Datasheet HTML 12Page - Intersil Corporation EL9111_07 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN7450.4
May 9, 2007
FIGURE 23. TOTAL HARMONIC DISTORTION
FIGURE 24. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 25. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
Typical Performance Curves (Continued)
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
893mW
θ
JA =
14
0°C
/W
QF
N2
8
0
50
85
150
1.2
0.8
0.6
0.4
0.2
0
AMBIENT TEMPERATURE (°C)
25
75
100
125
1
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD - QFN EXPOSED
DIEPAD SOLDERED TO PCB PER JESD51-5
θ
JA =
37
°C
/W
QF
N2
8
3.378W
0
50
85
150
4.5
3.5
2.5
1.5
0.5
0
AMBIENT TEMPERATURE (°C)
25
75
100
125
4
2
1
3
EL9111, EL9112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com