전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EL9111 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 EL9111
상세설명  Triple Differential Receiver/Equalizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9111 데이터시트(HTML) 5 Page - Intersil Corporation

  EL9111_07 Datasheet HTML 1Page - Intersil Corporation EL9111_07 Datasheet HTML 2Page - Intersil Corporation EL9111_07 Datasheet HTML 3Page - Intersil Corporation EL9111_07 Datasheet HTML 4Page - Intersil Corporation EL9111_07 Datasheet HTML 5Page - Intersil Corporation EL9111_07 Datasheet HTML 6Page - Intersil Corporation EL9111_07 Datasheet HTML 7Page - Intersil Corporation EL9111_07 Datasheet HTML 8Page - Intersil Corporation EL9111_07 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN7450.4
May 9, 2007
21
VINM_B
Blue negative differential input
VINM_B
Blue negative differential input
22
VSP
+5V to core of chip
VSP
+5V to core of chip
23
HOUT
Decoded Horizontal sync referenced to
SYNCREF
VCM_R
Red common-mode voltage at inputs
24
VOUT
Decoded Vertical sync referenced to SYNCREF
VCM_G
Green common-mode voltage at inputs
25
SYNCREF
Reference level for HOUT and VOUT logic outputs
VCM_B
Blue common-mode voltage at inputs
26
X2
Logic signal for x1/x2 output gain setting
X2
Logic signal for x1/x2 output gain setting
27
ENABLE
Chip enable logic signal
ENABLE
Chip enable logic signal
28
0V
0V reference for output voltage
0V
0V reference for output voltage
Thermal Pad
Must be connected to -5V
Pin Descriptions (Continued)
PIN
NUMBER
EL9111IL
PIN NAME
EL9111IL
PIN FUNCTION
EL9112IL
PIN NAME
EL9112IL
PIN FUNCTION
Typical Performance Curves
FIGURE 1. FREQUENCY RESPONSE OF ALL CHANNELS
FIGURE 2. GAIN vs FREQUENCY ALL CHANNELS
FIGURE 3. GAIN vs FREQUENCY FOR VARIOUS VCTRL
FIGURE 4. GAIN vs FREQUENCY FOR VARIOUS VCTRL AND
VGAIN
1M
10M
100M 200M
5
3
1
-1
-3
-5
X2=LOW
VGAIN=0V
VCTRL=0V
RLOAD=150Ω
FREQUENCY (Hz)
EL9111, EL9112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com