| 전자부품 데이터시트 검색엔진 |
|
FS2101 데이터시트(PDF) 19 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
FS2101 데이터시트(HTML) 19 Page - Agilent(Hewlett-Packard) |
|
19 / 48 page ![]() 19 The ADDR, ADDR_B, ADDR_C, DATA_B and DATA variables are defined in the format menu and used to pass the AD line information to the Inverse Assembler during state analysis. They are mapped as shown in the below table. These variables should not be changed or deleted from the format Menu. Mode ADDR ADDR_B ADDR_C DATA DATA_B 32 BIT MUX LOWER 32 AD LINES NOT USED NOT USED LOWER 32 AD LINES NOT USED 32 BIT DEMUX LOWER 32 AD LINES - DATA LOWER 32 AD - ADDRESS NOT USED LOWER 32 AD LINES - DATA NOT USED 64 BIT MUX LOWER 32 AD LINES - DATA NOT USED NOT USED LOWER 32 AD LINES - DATA UPPER 32 AD LINES 64 BIT DEMUX LOWER 32 AD LINES - DATA LOWER 32 AD - ADDRESS UPPER 32 AD LINES - ADDRESS LOWER 32 AD LINES - DATA UPPER 32 AD LINES The Bus Utilization BUS_UT variable is made up of the following cycle bits: WNODEV, ADVALID, TABORT, DVALID, WTARGET, WINITI, RETRY, IDLE, MABORT. The list of symbols defined for this variable are the signal names themselves. This is a convenient grouping that helps make triggering and performance analysis easier. This variable is the C/BE[3:0] lines latched with the first rising edge of the PCI clock with FRAME# asserted. These signals are held until the end of the transaction. They indicated the command that is being transmitted on the PCI Local bus. Below is the encoding of these signals and the symbols defined for the L_CMD variable. These encodings can also be found in the PCI Specification. Symbol L_CMD encoding INTACK 0000 SPEC_CYC 0001 I/O_RD 0010 I/O_WR 0011 The ADDR, ADDR_B , ADDR_C, DATA_B and DATA variables The BUS_UT variable The L_CMD variable |