전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CEU6TR 데이터시트(PDF) 116 Page - STMicroelectronics

부품명 STM32L4P5CEU6TR
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6TR 데이터시트(HTML) 116 Page - STMicroelectronics

Back Button STM32L4P5CEU6TR Datasheet HTML 112Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 113Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 114Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 115Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 116Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 117Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 118Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 119Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 311 page
background image
Port B
PB0
-
TIM1_CH2N
TIM3_CH3
TIM8_CH2N
-
SPI1_NSS
-
USART3_CK
PB1
-
TIM1_CH3N
TIM3_CH4
TIM8_CH3N
-
-
DFSDM1_DATIN
0
USART3_RTS_
DE
PB2
RTC_OUT2
LPTIM1_OUT
-
-
I2C3_SMBA
-
DFSDM1_CKIN0
-
PB3
JTDO/TRACES
WO
TIM2_CH2
-
OCTOSPIM_P1_
IO4
-
SPI1_SCK
SPI3_SCK
USART1_RTS_
DE
PB4
NJTRST
-
TIM3_CH1
OCTOSPIM_P1_
IO5
I2C3_SDA
SPI1_MISO
SPI3_MISO
USART1_CTS_
NSS
PB5
-
LPTIM1_IN1
TIM3_CH2
OCTOSPIM_P1_
IO0
I2C1_SMBA
SPI1_MOSI
SPI3_MOSI
USART1_CK
PB6
-
LPTIM1_ETR
TIM4_CH1
TIM8_BKIN2
I2C1_SCL
I2C4_SCL
-
USART1_TX
PB7
-
LPTIM1_IN2
TIM4_CH2
TIM8_BKIN
I2C1_SDA
I2C4_SDA
-
USART1_RX
PB8
-
-
TIM4_CH3
SAI1_CK1
I2C1_SCL
DFSDM1_CKOU
T
-
SDMMC2_D4
PB9
-
IR_OUT
TIM4_CH4
SAI1_D2
I2C1_SDA
SPI2_NSS
-
SDMMC2_D5
PB10
-
TIM2_CH3
-
I2C4_SCL
I2C2_SCL
SPI2_SCK
OCTOSPIM_P1_
IO3
USART3_TX
PB11
-
TIM2_CH4
-
I2C4_SDA
I2C2_SDA
-
-
USART3_RX
PB12
-
TIM1_BKIN
-
TIM1_BKIN
I2C2_SMBA
SPI2_NSS
DFSDM1_DATIN
1
USART3_CK
PB13
-
TIM1_CH1N
-
-
I2C2_SCL
SPI2_SCK
DFSDM1_CKIN1
USART3_CTS_
NSS
PB14
-
TIM1_CH2N
-
TIM8_CH2N
I2C2_SDA
SPI2_MISO
DFSDM1_DATIN
2
USART3_RTS_
DE
PB15
RTC_REFIN
TIM1_CH3N
-
TIM8_CH3N
-
SPI2_MOSI
DFSDM1_CKIN2
-
Table 16. Alternate function AF0 to AF7(1) (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
OTG_FS/SYS_A
F
TIM1/2/5/8/LPTI
M1
TIM1/2/3/4/5
SPI2/SAI1/I2C4/
USART2/CAN2/
OTG_FS/TIM1/8
/OCTOSPIM_P1/
QUADSPI
I2C1/2/3/4/DCMI
SPI1/2/3/I2C4/D
FSDM1/DCMI/O
CTOSPIM_P1/2/
QUADSPI
SPI3/I2C3/DFSD
M1/COMP1/OCT
OSPIM_P1/2/QU
ADSPI
USART1/2/3/SD
MMC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More