전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CEU6TR 데이터시트(PDF) 112 Page - STMicroelectronics

부품명 STM32L4P5CEU6TR
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6TR 데이터시트(HTML) 112 Page - STMicroelectronics

Back Button STM32L4P5CEU6TR Datasheet HTML 108Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 109Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 110Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 111Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 112Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 113Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 114Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 115Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 311 page
background image
NC
45
NC
45
60
61
B8
B8
95
95
A3
A3
138 139
C4
C4
PB8
I/O
FT
_fl
(3)
TIM4_CH3,
SAI1_CK1,
I2C1_SCL,
DFSDM1_CKOUT,
SDMMC2_D4,
SDMMC1_CKIN,
CAN1_RX,
DCMI_D6/PSSI_D6,
LCD_DE,
SDMMC1_D4,
SAI1_MCLK_A,
TIM16_CH1,
EVENTOUT
-
45
46
45
46
61
62
A8
A8
96
96
B3
B3
139 140
D4
D4
PB9
I/O
FT
_fl
-
IR_OUT, TIM4_CH4,
SAI1_D2, I2C1_SDA,
SPI2_NSS,
SDMMC2_D5,
SDMMC1_CDIR,
CAN1_TX,
DCMI_D7/PSSI_D7,
SDMMC1_D5,
SAI1_FS_A,
TIM17_CH1,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More