전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CEU6P 데이터시트(PDF) 104 Page - STMicroelectronics

부품명 STM32L4P5CEU6P
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P 데이터시트(HTML) 104 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 100Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 101Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 102Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 103Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 104Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 105Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 106Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 107Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 311 page
background image
38
38
38
38
50
50
A2
A2
77
77
A9
A9
110 110
A9
A9
PA15
(JTDI)
I/O FT (4)
JTDI, TIM2_CH1,
TIM2_ETR,
USART2_RX,
SPI1_NSS,
SPI3_NSS,
USART3_RTS_DE,
UART4_RTS_DE,
TSC_G3_IO1,
LCD_HSYNC,
SAI2_FS_B,
EVENTOUT
-
-
-
-
-
51
51
C3
D4
78
78
B11 B11 111
111
D9
D9
PC10
I/O FT
-
TRACED1,
DCMI_VSYNC/PSSI_
RDY, SPI3_SCK,
USART3_TX,
UART4_TX,
TSC_G3_IO2,
DCMI_D8/PSSI_D8,
SDMMC1_D2,
SAI2_SCK_B,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More