전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CEU6P 데이터시트(PDF) 107 Page - STMicroelectronics

부품명 STM32L4P5CEU6P
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P 데이터시트(HTML) 107 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 103Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 104Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 105Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 106Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 107Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 108Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 109Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 110Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 311 page
background image
-
---
--
---
-
F11 F11 120 120
M3
M3
VSS
S
-
-
-
-
-
-
-
-
-
-
A4
A4
-
-
G11 G11 121 121
A8
A8
VDD
S
-
-
-
-
-
-
-
-
-
-
B5
D5
87
87
B6
B6
122 122
E7
E7
PD6
I/O FT
-
SAI1_D1,
DCMI_D10/PSSI_D1
0, SPI3_MOSI,
DFSDM1_DATIN1,
USART2_RX,
SDMMC2_CK,
OCTOSPIM_P1_IO6,
LCD_DE,
FMC_NWAIT,
SAI1_SD_A,
EVENTOUT
-
-
-
-
-
-
-
C6
C5
88
88
A5
A5
123 123
F7
F7
PD7
I/O FT
-
DFSDM1_CKIN1,
USART2_CK,
SDMMC2_CMD,
OCTOSPIM_P1_IO7,
FMC_NCE/FMC_NE1
, EVENTOUT
-
-
-
-
-
-
-
D6
B5
-
-
D9
D9
124 124
B7
B7
PG9
I/O
FT
_s
-
OCTOSPIM_P2_IO6,
SPI3_SCK,
USART1_TX,
SDMMC2_D0,
FMC_NCE/FMC_NE2
, SAI2_SCK_A,
TIM15_CH1N,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More