| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEU3P 데이터시트(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU3P 데이터시트(HTML) 82 Page - STMicroelectronics |
|
82 / 311 page ![]() - - - - - - J10 J10 22 22 M1 M1 33 33 L2 L2 VDDA S - - - - 9 9 9 9 13 13 --- -- --- -- VDDA/VR EF+ S- - - - 10 10 10 10 14 14 G8 G9 23 23 L2 L2 34 34 K3 K3 PA0 I/O FT _a - TIM2_CH1, TIM5_CH1, TIM8_ETR, USART2_CTS_NSS, UART4_TX, SAI1_EXTCLK, TIM2_ETR, EVENTOUT OPAMP1_VINP, ADC12_IN5, RTC_TAMP2,WKU P1 - --- -- --- - M3 M3 - - M1 M1 OPAMP1 _VINM ITT - - - 11 11 11 11 15 15 G7 H8 24 24 M2 M2 35 35 N2 N2 PA1 I/O FT _la - TIM2_CH2, TIM5_CH2, I2C1_SMBA, SPI1_SCK, USART2_RTS_DE, UART4_RX, OCTOSPIM_P1_DQS , SDMMC2_CMD, TIM15_CH1N, EVENTOUT OPAMP1_VINM, ADC12_IN6 Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |