전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CEU3P 데이터시트(PDF) 90 Page - STMicroelectronics

부품명 STM32L4P5CEU3P
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU3P 데이터시트(HTML) 90 Page - STMicroelectronics

Back Button STM32L4P5CEU3P Datasheet HTML 86Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 87Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 88Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 89Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 90Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 91Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 92Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 93Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 311 page
background image
21
21
21
21
28
29
K3
K3
47
47
L10 L10
69
69
N9
N9
PB10
I/O
FT
_fl
-
TIM2_CH3,
I2C4_SCL,
I2C2_SCL,
SPI2_SCK,
OCTOSPIM_P1_IO3,
USART3_TX,
LPUART1_RX,
TSC_SYNC,
OCTOSPIM_P1_CLK
, COMP1_OUT,
SAI1_SCK_A,
EVENTOUT
-
NC
22
NC
22
29
30
J3
J3
NC
48
NC
L11
NC
70
H8
H8
PB11
I/O
FT
_fl
(3)
TIM2_CH4,
I2C4_SDA,
I2C2_SDA,
USART3_RX,
LPUART1_TX,
OCTOSPIM_P1_NCS
, LCD_VSYNC,
COMP2_OUT,
EVENTOUT
-
-
---
--
---
--
---
K9
K9
PH4
I/O
FT
_f
-
I2C2_SCL,
OCTOSPIM_P2_DQS
, PSSI_D14,
EVENTOUT
-
-
---
--
---
--
---
L9
L9
PH5
I/O
FT
_f
-
I2C2_SDA,
DCMI_PIXCLK/PSSI_
PDCK, EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More